データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si5342H データシート(PDF) 6 Page - Silicon Laboratories

部品番号 Si5342H
部品情報  HIGH-FREQUENCY,
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5342H データシート(HTML) 6 Page - Silicon Laboratories

Back Button Si5342H Datasheet HTML 2Page - Silicon Laboratories Si5342H Datasheet HTML 3Page - Silicon Laboratories Si5342H Datasheet HTML 4Page - Silicon Laboratories Si5342H Datasheet HTML 5Page - Silicon Laboratories Si5342H Datasheet HTML 6Page - Silicon Laboratories Si5342H Datasheet HTML 7Page - Silicon Laboratories Si5342H Datasheet HTML 8Page - Silicon Laboratories Si5342H Datasheet HTML 9Page - Silicon Laboratories Si5342H Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Si5344H/42H
6
Rev. 1.0
Table 3. Input Specifications
(VDD = 1.8 V ±5%, VDDA = 3.3 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Standard Differential or Single-Ended - AC Coupled (IN0/IN0, IN1/IN1)
Input Frequency Range
fIN_DIFF
Differential
0.008
750
MHz
Single-ended/LVCMOS
0.008
250
MHz
Voltage Swing1
VIN
Differential AC Coupled
fin < 250 MHz
100
1800
mVpp_se
Differential AC Coupled
250 MHz < fin < 750 MHz
225
1800
mVpp_se
Single-Ended AC Coupled5
fin < 250 MHz
100
3600
mVpp_se
Slew Rate2, 3
SR
400
V/µs
Duty Cycle
DC
40
60
%
Capacitance
CIN
—0.3
pF
Pulsed CMOS - DC Coupled (IN0, IN1)
Input Frequency
fIN_PULSED_CMOS4
0.008
250
MHz
Input Voltage4
VIL
–0.2
0.4
V
VIH
0.8
V
Slew Rate2, 3
SR
400
V/µs
Duty Cycle
DC
40
60
%
Minimum Pulse Width
PW
Pulse Input
1.6
ns
Input Resistance
RIN
—8
k
REFCLK (applied to XA/XB)
Notes:
1. Voltage swing is specified as single-ended mVpp.
2. Imposed for jitter performance.
3. Rise and fall times can be estimated using the following simplified equation: tr/tf80-20 = ((0.8 – 0.2) x VIN_Vpp_se) / SR
4. This mode is intended primarily for single-ended LVCMOS input clocks < 1 MHz that must be dc-coupled because they
have a duty cycle significantly less than 50%. A typical application example is a low-frequency video frame sync pulse.
Since the input thresholds (VIL, VIH) of this buffer are non-standard (0.4 V and 0.8 V, respectively) refer to the input
attenuator circuit for dc-coupled pulsed LVCMOS in the Family Reference Manual. Otherwise, for standard LVCMOS
input clocks, use the Standard Differential or Single-Ended ac-coupled input mode.
5. Refer to the Family Reference Manual if you're using a single-ended AC coupled inputs with voltage swing exceeding
3.4 V.
OUTx
OUTx
Vpp_se
Vpp_se
Vpp_diff = 2*Vpp_se
Vcm
Vcm


同様の部品番号 - Si5342H

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI5342H SKYWORKS-SI5342H Datasheet
1Mb / 56P
   HIGH-FREQUENCY, ULTRA-LOW JITTER ATTENUATOR CLOCK WITH DIGITALLY-CONTROLLED OSCILLATOR
Rev. 1.0
SI5342H-D-GM SKYWORKS-SI5342H-D-GM Datasheet
1Mb / 56P
   HIGH-FREQUENCY, ULTRA-LOW JITTER ATTENUATOR CLOCK WITH DIGITALLY-CONTROLLED OSCILLATOR
Rev. 1.0
More results

同様の説明 - Si5342H

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
S553-6500-F4 BEL-S553-6500-F4 Datasheet
203Kb / 4P
   HIGH FREQUENCY MAGNETICS HIGH FREQUENCY MAGNETICS
logo
YAGEO Corporation
431115300245 YAGEO-431115300245 Datasheet
183Kb / 13P
   HIGH FREQUENCY
CAN4311772052452K YAGEO-CAN4311772052452K Datasheet
486Kb / 6P
   HIGH FREQUENCY
logo
Connor-Winfield Corpora...
AV51-50 CONNOR-WINFIELD-AV51-50 Datasheet
60Kb / 2P
   HIGH FREQUENCY
AV61-100 CONNOR-WINFIELD-AV61-100 Datasheet
87Kb / 2P
   HIGH FREQUENCY
logo
Sanyo Semicon Device
2SK2171 SANYO-2SK2171 Datasheet
114Kb / 5P
   High-Frequency, High-Frequency Amp Analog Switch Applications
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
   Mil-Screened High Frequency Mil-Screened High Frequency
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Texas Instruments
VFC110 TI1-VFC110 Datasheet
200Kb / 12P
[Old version datasheet]   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
Fairchild Semiconductor
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com