データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5351A データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SI5351A
部品情報  Supports static phase offset
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5351A データシート(HTML) 5 Page - Silicon Laboratories

  SI5351A Datasheet HTML 1Page - Silicon Laboratories SI5351A Datasheet HTML 2Page - Silicon Laboratories SI5351A Datasheet HTML 3Page - Silicon Laboratories SI5351A Datasheet HTML 4Page - Silicon Laboratories SI5351A Datasheet HTML 5Page - Silicon Laboratories SI5351A Datasheet HTML 6Page - Silicon Laboratories SI5351A Datasheet HTML 7Page - Silicon Laboratories SI5351A Datasheet HTML 8Page - Silicon Laboratories SI5351A Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Si5351A/B/C-B
Rev. 1.0
5
1. Electrical Specifications
Table 2. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
2585°C
Core Supply Voltage
VDD
3.0
3.3
3.60
V
2.25
2.5
2.75
V
Output Buffer Voltage
VDDOx
1.71
1.8
1.89
V
2.25
2.5
2.75
V
3.0
3.3
3.60
V
Notes:All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise noted.
VDD and VDDOx can be operated at independent voltages.
Power supply sequencing for VDD and VDDOx requires that all VDDOx be powered up either before or at the same
time as VDD.
Table 3. DC Characteristics
(VDD = 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Core Supply Current
IDD
Enabled 3 outputs
22
35
mA
Enabled 8 outputs
27
45
mA
Output Buffer Supply Current
(Per Output)*
IDDOx
CL = 5 pF
2.2
5.6
mA
Input Current
ICLKIN
CLKIN, SDA, SCL
Vin < 3.6 V
——
10
µA
IVC
VC
30
µA
Output Impedance
ZO
3.3 V VDDO, default high
drive
—50
*Note: Output clocks less than or equal to 100 MHz.


同様の部品番号 - SI5351A

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si5351A SILABS-Si5351A Datasheet
1Mb / 20P
   Timing Selector Guide
SI5351A SILABS-SI5351A Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
List of Unclassifed Man...
Si5351A-A-GM ETC2-Si5351A-A-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GT ETC2-Si5351A-A-GT Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GU ETC2-Si5351A-A-GU Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
More results

同様の説明 - SI5351A

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT82V3910 IDT-IDT82V3910 Datasheet
183Kb / 13P
   Supports programmable input-to-output phase offset adjustment
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832 Datasheet
352Kb / 2P
   Supports RFID
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
   PCB Supports
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
NXP Semiconductors
MC56F837XXDS NXP-MC56F837XXDS Datasheet
1Mb / 63P
   Supports MC56F837xx
Rev. 1.6, 09/2019
logo
AAEON Technology
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
   supports tpm
logo
NXP Semiconductors
MWCT1011B NXP-MWCT1011B Datasheet
892Kb / 81P
   Supports MWCT1011BVLH
Rev. 1, 06/2021
logo
Axiomtek Co., Ltd.
P1153-841 AXIOMTEK-P1153-841 Datasheet
345Kb / 2P
   Supports dimming control
P1158-831 AXIOMTEK-P1158-831 Datasheet
362Kb / 2P
   Supports dimming control
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com