データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si8285CD-IS データシート(PDF) 2 Page - Silicon Laboratories

部品番号 Si8285CD-IS
部品情報  System Safety Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8285CD-IS データシート(HTML) 2 Page - Silicon Laboratories

  Si8285CD-IS Datasheet HTML 1Page - Silicon Laboratories Si8285CD-IS Datasheet HTML 2Page - Silicon Laboratories Si8285CD-IS Datasheet HTML 3Page - Silicon Laboratories Si8285CD-IS Datasheet HTML 4Page - Silicon Laboratories Si8285CD-IS Datasheet HTML 5Page - Silicon Laboratories Si8285CD-IS Datasheet HTML 6Page - Silicon Laboratories Si8285CD-IS Datasheet HTML 7Page - Silicon Laboratories Si8285CD-IS Datasheet HTML 8Page - Silicon Laboratories Si8285CD-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1. Ordering Guide
Table 1.1. Si8285, Si8286 Ordering Guide
New Ordering Part
Number (OPN)
Ordering Options
Output
Configuration
Pin Compatibility
UVLO Voltage
Insulation Rating
Package Type
Si8285BD-IS
4.0 A driver
9 V
5.0 kVrms
WB SOIC-16
Si8285CD-IS
4.0 A driver
12 V
5.0 kVrms
WB SOIC-16
Si8286BD-IS
4.0 A driver
HCPL-316J
9 V
5.0 kVrms
WB SOIC-16
Si8286CD-IS
4.0 A driver
HCPL-316J
12 V
5.0 kVrms
WB SOIC-16
Note:
1. Visit www.silabs.com for detailed quality data.
2. “Si” and “SI” are used interchangeably.
3. AEC-Q100 qualified.
4. Add an "R" at the end of the Part Number to denote Tape and Reel option.
Si8285/86 Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.6 | 1


同様の部品番号 - Si8285CD-IS

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI8285CD-IS SKYWORKS-SI8285CD-IS Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
More results

同様の説明 - Si8285CD-IS

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI8285 SKYWORKS-SI8285 Datasheet
902Kb / 29P
   SiC FET-Ready ISODrivers with System Safety Features
Revision 2.0 April, 2021
logo
Xilinx, Inc
DS600 XILINX-DS600 Datasheet
254Kb / 11P
   Advanced system features
logo
OSRAM GmbH
LEDGUARDIANSL101 OSRAM-LEDGUARDIANSL101 Datasheet
112Kb / 3P
   LED luminaire with safety features
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
   Safety Isolation System
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com