データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si50122-A3-GMR データシート(PDF) 5 Page - Silicon Laboratories

部品番号 Si50122-A3-GMR
部品情報  Network Attached Storage
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si50122-A3-GMR データシート(HTML) 5 Page - Silicon Laboratories

  Si50122-A3-GMR Datasheet HTML 1Page - Silicon Laboratories Si50122-A3-GMR Datasheet HTML 2Page - Silicon Laboratories Si50122-A3-GMR Datasheet HTML 3Page - Silicon Laboratories Si50122-A3-GMR Datasheet HTML 4Page - Silicon Laboratories Si50122-A3-GMR Datasheet HTML 5Page - Silicon Laboratories Si50122-A3-GMR Datasheet HTML 6Page - Silicon Laboratories Si50122-A3-GMR Datasheet HTML 7Page - Silicon Laboratories Si50122-A3-GMR Datasheet HTML 8Page - Silicon Laboratories Si50122-A3-GMR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Si50122-A3/A4
Rev 0.7
5
Table 3. AC Electrical Specifications
Parameter
Symbol
Condition
Min
Typ
Max
Unit
DIFF Clocks
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Skew
TSKEW
Measured at 0 V differential
100
ps
Output Frequency
FOUT
VDD = 3.3 V
100
MHz
Frequency Accuracy
FACC
All output clocks
100
ppm
Slew Rate
tr/f2
Measured differentially from
±150 mV
0.6
5.0
V/ns
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
V
Spread Range
SRNG
Down Spread, –A4 only
–0.5
%
Modulation Frequency
FMOD
–A4 only
30
31.5
33
kHz
DIFF Clocks Jitter Parameters, VDD = 3.3 V ± 10%
PCIe Gen1 Pk-Pk
Pk-PkGEN1
PCIe Gen 1
20.7
35
ps
PCIe Gen2 Phase Jitter
RMSGEN2
10 kHZ < F < 1.5 MHz
—0.8
2.1
ps
1.5 MHZ < F < Nyquist
—1.4
2.2
ps
DIFF Clocks Jitter Parameters, VDD = 2.5V ± 10%
PCIe Gen1 Pk-Pk
Pk-PkGEN1
PCIe Gen 1
—25
40
ps
PCIe Gen2 Phase Jitter
RMSGEN2
10 kHZ < F < 1.5 MHz
—0.9
2.9
ps
1.5 MHZ < F < Nyquist
—1.7
3.0
ps
25 MHz at 3.3 V
Duty Cycle
TDC
Measurement at 1.5 V
45
55
%
Output Rise Time
tr
CL = 10 pF, 20% to 80%
1.2
3.0
ns
Output Fall Time
tf
CL = 10 pF, 20% to 80%
1.2
3.0
ns
Cycle to Cycle Jitter
TCCJ
Measurement at 1.5 V
250
ps
Long Term Accuracy
LACC
Measured at 1.5 V
100
ppm
Powerup Time
Clock Stabilization from Powerup
TSTABLE
First powerup to first output
10
ms
Note: Visit www.pcisig.com for complete PCIe specifications.


同様の部品番号 - Si50122-A3-GMR

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si50122-A3-GM SILABS-Si50122-A3-GM Datasheet
1Mb / 5P
   ?쟑ower consumption test
More results

同様の説明 - Si50122-A3-GMR

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
BCM4780P BOARDCOM-BCM4780P Datasheet
111Kb / 1P
   NETWORK ATTACHED STORAGE PROCESSOR
logo
NEC
ST1240 NEC-ST1240 Datasheet
184Kb / 2P
   ECONOMICAL SAS DIRECT ATTACHED STORAGE
logo
List of Unclassifed Man...
LS-WVL ETC2-LS-WVL Datasheet
516Kb / 2P
   Shared Network Storage
LS-VL ETC2-LS-VL Datasheet
386Kb / 2P
   High Performance Shared Network Storage
logo
Level One
GNS-4001 LVL1-GNS-4001 Datasheet
838Kb / 3P
   4-Bay Gigabit Network Storage
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
   1-Bay Simple Network Storage
logo
List of Unclassifed Man...
LS-QV ETC2-LS-QV Datasheet
420Kb / 2P
   High Performance Four-Drive Network Storage
TS-2RZHD ETC2-TS-2RZHD Datasheet
2Mb / 2P
   12-BAY ENTERPRISE-CLASS NETWORK & ISCSI STORAGE
TS-2RZSD ETC2-TS-2RZSD Datasheet
2Mb / 2P
   12-BAY BUSINESS-CLASS NETWORK & ISCSI STORAGE
logo
Molex Electronics Ltd.
78012-0011 MOLEX-78012-0011 Datasheet
172Kb / 2P
   Serial Attached SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com