データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI53342-B-GM データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI53342-B-GM
部品情報  Multiple configuration options
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53342-B-GM データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI53342-B-GM Datasheet HTML 2Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 3Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 4Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 5Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 6Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 7Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 8Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 9Page - Silicon Laboratories SI53342-B-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
2.2 LVCMOS Input Termination (Si53341/43/45)
The table below summarizes the various ac- and dc-coupling options supported by the LVCMOS device, and the figure shows the rec-
ommended input clock termination.
Note: 1.8V LVCMOS inputs are not supported for Si53341/43/45.
Table 2.2. LVCMOS Input Clock Options
LVCMOS
AC-Coupled
DC-Coupled
1.8 V
No
No
2.5/3.3 V
Yes
Yes
VDD
Si53341/43/45
CMOS
Driver
CLKx
VDD = 3.3 V or 2.5 V
50
Rs
NC
DC-Coupled
VDD
Si53341/43/45
CMOS
Driver
CLKx
VDD = 3.3 V or 2.5 V
50
Rs
NC
AC-Coupled
VDD
1 k
1 k
VBIAS = VDD/2
Note:
Value for Rs should be chosen so that the total
source impedance matches the characteristic
impedance of the PCB trace.
Figure 2.4. Recommended Input Clock Termination (Si53341/43/45)
Si53340-45 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 5


同様の部品番号 - SI53342-B-GM

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI53342-B-GM SKYWORKS-SI53342-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers
Rev. 1.2 December 3, 2021
SI53342-B-GM SKYWORKS-SI53342-B-GM Datasheet
2Mb / 38P
   Low-Jitter LVDS Fanout Clock Buffers with up to 10 LVDS Outputs from Any-Format Input and Wide Frequency Range from dc up to 1250 MHz
Rev. 1.2
More results

同様の説明 - SI53342-B-GM

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
PJT-40W DELTA-PJT-40W Datasheet
480Kb / 9P
   Multiple connector source options
logo
Maxim Integrated Produc...
MAX20310EV MAXIM-MAX20310EV Datasheet
589Kb / 7P
   Multiple Inductor Options Included
Rev 0; 1/17
MAX44267EVKIT MAXIM-MAX44267EVKIT Datasheet
793Kb / 7P
   Accommodate Multiple Op-Amp Configuration
19-7520; Rev 0; 2/15
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Maxim Integrated Produc...
MAX77655EVKIT MAXIM-MAX77655EVKIT Datasheet
3Mb / 22P
   Evaluation of Multiple On-Key Options
Rev 0; 8/20
logo
Tyco Electronics
6VM1 MACOM-6VM1_11 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
TE Connectivity Ltd
6VM1 TEC-6VM1 Datasheet
848Kb / 9P
   Slim Power Entry Module Family with Multiple Options
logo
NXP Semiconductors
CBTD3306 NXP-CBTD3306_11 Datasheet
149Kb / 17P
   Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
logo
Moxa Inc.
EXPC-1519 MOXA-EXPC-1519 Datasheet
2Mb / 8P
   Zone 2 19-inch panel computers with multiple connectivity options
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com