データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL23EP04 データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SL23EP04
部品情報  10 to 220 MHz operating frequency range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP04 データシート(HTML) 5 Page - Silicon Laboratories

  SL23EP04 Datasheet HTML 1Page - Silicon Laboratories SL23EP04 Datasheet HTML 2Page - Silicon Laboratories SL23EP04 Datasheet HTML 3Page - Silicon Laboratories SL23EP04 Datasheet HTML 4Page - Silicon Laboratories SL23EP04 Datasheet HTML 5Page - Silicon Laboratories SL23EP04 Datasheet HTML 6Page - Silicon Laboratories SL23EP04 Datasheet HTML 7Page - Silicon Laboratories SL23EP04 Datasheet HTML 8Page - Silicon Laboratories SL23EP04 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
May 15, 2008
Page 5 of 15
SL23EP04
Switching Electrical Characteristics (C-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Output Frequency Range
FOUT1
CL=15pf, -1H and -2H versions
10
-
220
MHz
FOUT2
CL=22pf, -1H and -2H versions
10
-
180
MHz
FOUT3
CL=30pf, -1H and -2H versions
10
-
135
MHz
FOUT4
CL=15pf, -1, and -2 versions
10
-
180
MHz
FOUT5
CL=22pf, -1 and -2 versions
10
-
135
MHz
FOUT6
CL=30pf, -1 and -2 versions
10
-
100
MHz
Input Duty Cycle
DC1
Measured at VDD/2, all versions
30
50
70
%
Output Duty Cycle
DC2
CL=30pF, Fout=66 MHz, all versions
Measured at 1.4V
40
50
60
%
Output Duty Cycle
DC3
CL=15pF, Fout=66 MHz, all versions
Measured at VDD/2
45
50
55
%
Output Duty Cycle
DC4
CL=15pF, Fout=133 MHz, all versions
Measured at VDD/2
45
50
55
%
Output Duty Cycle
DC5
CL=15pF, Fout=166 MHz, all versions
Measured at VDD/2
45
50
55
%
Output Rise/Fall Time
tr/f1
CL=30pF, -1 and -2 versions,
measured from 0.8V to 2.0V
-
-
2.2
ns
Output Rise/Fall Time
tr/f2
CL=15pF, -1 and -2 versions,
measured from 0.8V to 2.0V
-
-
1.5
ns
DC Electrical Characteristics (C-Grade and VDD=3.3V
– Cont.)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Output HIGH Voltage
VOH
IOH =
–8 mA (-1, -2 drives)
2.4
V
IOH =
–12 mA (-1H, -2H drives)
2.4
V
Power Down Supply
Current
IDDPD
Measured when CLKIN= GND to VDD
or floating
8
12
µA
Power Supply Current
IDD1
All Outputs CL=0, 33.3 MHz CLKIN
All versions
10
14
mA
Power Supply Current
IDD2
All Outputs CL=0, 66.6 MHz CLKIN
All versions
12
17
mA
Power Supply Current
IDD3
All Outputs CL=0, 133.3 MHz CLKIN
All versions
14
20
mA
Power Supply Current
IDD4
All Outputs CL=0, 166.6 MHz CLKIN
All versions
16
23
mA
Pull-down Resistors
RPD
Pin-1, 2, 3, 5, and 6
150
250
350


同様の部品番号 - SL23EP04

メーカー部品番号データシート部品情報
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZZC-1 SPECTRALINEAR-SL23EP04NZZC-1 Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZZC-1 SILABS-SL23EP04NZZC-1 Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

同様の説明 - SL23EP04

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6183 PASTERNACK-PE71S6183 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com