データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si8645BA-B-IU データシート(PDF) 11 Page - Silicon Laboratories

部品番号 Si8645BA-B-IU
部品情報  High-speed operation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8645BA-B-IU データシート(HTML) 11 Page - Silicon Laboratories

Back Button Si8645BA-B-IU Datasheet HTML 7Page - Silicon Laboratories Si8645BA-B-IU Datasheet HTML 8Page - Silicon Laboratories Si8645BA-B-IU Datasheet HTML 9Page - Silicon Laboratories Si8645BA-B-IU Datasheet HTML 10Page - Silicon Laboratories Si8645BA-B-IU Datasheet HTML 11Page - Silicon Laboratories Si8645BA-B-IU Datasheet HTML 12Page - Silicon Laboratories Si8645BA-B-IU Datasheet HTML 13Page - Silicon Laboratories Si8645BA-B-IU Datasheet HTML 14Page - Silicon Laboratories Si8645BA-B-IU Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si8641Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.4
2.3
5.2
3.6
2.2
3.7
7.8
5.4
mA
Si8642Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.8
1.8
4.4
4.4
2.9
2.9
6.6
6.6
mA
1 Mbps Supply Current (All Inputs = 500 kHz Square Wave, CI = 15 pF on All Outputs)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
3.6
2.9
5.0
4.0
mA
Si8641Bx, Ex
VDD1
VDD2
3.4
3.3
4.8
4.6
mA
Si8642Bx, Ex
VDD1
VDD2
3.3
3.3
4.6
4.6
mA
10 Mbps Supply Current (All Inputs = 5 MHz Square Wave, CI = 15 pF on All Outputs)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
3.6
4.0
5.0
5.6
mA
Si8641Bx, Ex
VDD1
VDD2
3.7
4.1
5.2
5.8
mA
Si8642Bx, Ex
VDD1
VDD2
3.9
3.9
5.4
5.4
mA
100 Mbps Supply Current (All Inputs = 50 MHz Square Wave, CI = 15 pF on All Outputs)
Si8640Bx, Ex, Si8645Bx
VDD1
VDD2
3.6
17.5
5.0
22.8
mA
Si864x Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 2.0 | 10


同様の部品番号 - Si8645BA-B-IU

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI8645BA-B-IU SILABS-SI8645BA-B-IU Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8645BA-B-IU SKYWORKS-SI8645BA-B-IU Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

同様の説明 - Si8645BA-B-IU

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI80XX-1KV SILABS-SI80XX-1KV Datasheet
1Mb / 23P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com