データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si8645BB-B-IS データシート(PDF) 6 Page - Silicon Laboratories

部品番号 Si8645BB-B-IS
部品情報  High-speed operation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8645BB-B-IS データシート(HTML) 6 Page - Silicon Laboratories

Back Button Si8645BB-B-IS Datasheet HTML 2Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 3Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 4Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 5Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 6Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 9Page - Silicon Laboratories Si8645BB-B-IS Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
3. Device Operation
Device behavior during start-up, normal operation, and shutdown is shown in Figure 3.1 Device Behavior during Normal Operation on
page 7, where UVLO+ and UVLO– are the respective positive-going and negative-going thresholds. Refer to the following tables to
determine outputs when power supply (VDD) is not present and for logic conditions when enable pins are used.
Table 3.1. Si86xx Logic Operation
VI Input1, 2 EN Input1, 2, 3, 4 VDDI State1, 5, 6
VDDO State1, 5, 6
VO Output1, 2
Comments
H
H or NC
P
P
H
Enabled, normal operation.
L
H or NC
P
P
L
X7
L
P
P
Hi-Z8
Disabled.
X7
H or NC
UP
P
L9
H9
Upon transition of VDDI from unpowered to
powered, VO returns to the same state as VI
in less than 1 µs.
X7
L
UP
P
Hi-Z8
Disabled.
X7
X7
P
UP
Undetermined Upon transition of VDDO from unpowered to
powered, VO returns to the same state as VI
within 1 µs, if EN is in either the H or NC
state. Upon transition of VDDO from unpow-
ered to powered, VO returns to Hi-Z within 1
µs if EN is L.
Note:
1. VDDI and VDDO are the input and output power supplies. VI and VO are the respective input and output terminals. EN is the
enable control input located on the same output side.
2. X = not applicable; H = Logic High; L = Logic Low; Hi-Z = High Impedance.
3. It is recommended that the enable inputs be connected to an external logic high or low level when the Si86xx is operating in noisy
environments.
4. No Connect (NC) replaces EN1 on Si8640/45. No Connect replaces EN2 on the Si8645. No Connects are not internally connec-
ted and can be left floating, tied to VDD, or tied to GND.
5. “Powered” state (P) is defined as 2.5 V < VDD < 5.5 V.
6. “Unpowered” state (UP) is defined as VDD = 0 V.
7. Note that an I/O can power the die for a given side through an internal diode if its source has adequate current.
8. When using the enable pin (EN) function, the output pin state is driven into a high-impedance state when the EN pin is disabled
(EN = 0).
9. See 1. Ordering Guide for details. This is the selectable fail-safe operating mode (ordering option). Some devices have default
output state = H, and some have default output state = L, depending on the ordering part number (OPN). For default high devi-
ces, the data channels have pull-ups on inputs/outputs. For default low devices, the data channels have pull-downs on inputs/
outputs.
Si864x Data Sheet
Device Operation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 2.0 | 5


同様の部品番号 - Si8645BB-B-IS

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI8645BB-B-IS SILABS-SI8645BB-B-IS Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8645BB-B-IS SKYWORKS-SI8645BB-B-IS Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
logo
Silicon Laboratories
SI8645BB-B-IS1 SILABS-SI8645BB-B-IS1 Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8645BB-B-IS1 SKYWORKS-SI8645BB-B-IS1 Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

同様の説明 - Si8645BB-B-IS

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI80XX-1KV SILABS-SI80XX-1KV Datasheet
1Mb / 23P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com