データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL28PCIe16ALC データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SL28PCIe16ALC
部品情報  Low power push-pull type differential output buffers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe16ALC データシート(HTML) 5 Page - Silicon Laboratories

  SL28PCIe16ALC Datasheet HTML 1Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 2Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 3Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 4Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 5Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 6Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 7Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 8Page - Silicon Laboratories SL28PCIe16ALC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SL28PCIe16
DOC#: SP-AP-0790 (Rev. 0.3)
Page 5 of 12
1
0
RESERVED
RESERVED
0
0
RESERVED
RESERVED
Byte 2: Control Register 2
(continued)
Bit
@Pup
Name
Description
Byte 3: Control Register 3
Bit
@Pup
Name
Description
7
1
SRC4_OE
Output enable for SRC4
0 = Output Disabled, 1 = Output Enabled
6
1
SRC5_OE
Output enable for SRC5
0 = Output Disabled, 1 = Output Enabled
5
0
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
0
RESERVED
RESERVED
Byte 4: Control Register 4
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
1
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
0
RESERVED
RESERVED
Byte 5: Control Register 5
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
0
RESERVED
RESERVED
4
1
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
0
RESERVED
RESERVED
Byte 6: Control Register 6
Bit
@Pup
Name
Description
7
0
SRC[5:4]_AMP1
SRC[5:4] amplitude adjustment
00= 700mV, 01=800mV, 10=900mV, 11= 1000mV
6
1
SRC[5:4]_AMP0


同様の部品番号 - SL28PCIe16ALC

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

同様の説明 - SL28PCIe16ALC

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
logo
PCA ELECTRONICS INC.
EPC3126-X PCA-EPC3126-X Datasheet
16Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X PCA-EPC3126-X_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X-LF PCA-EPC3126-X-LF_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
   Nano Power, Push/Pull Output Comparator
July 12, 2012
logo
PCA ELECTRONICS INC.
EPC3126-1-LF PCA-EPC3126-1-LF Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
Renesas Technology Corp
ISL28915 RENESAS-ISL28915 Datasheet
582Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com