データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL28PCIe16ALCT データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SL28PCIe16ALCT
部品情報  Low power push-pull type differential output buffers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe16ALCT データシート(HTML) 6 Page - Silicon Laboratories

Back Button SL28PCIe16ALCT Datasheet HTML 2Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 3Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SL28PCIe16
DOC#: SP-AP-0790 (Rev. 0.3)
Page 6 of 12
5
0
SRC[3:1]_AMP1
SRC[3:1] amplitude adjustment
00= 700mV, 01=800mV, 10=900mV, 11= 1000mV
4
1
SRC[3:1]_AMP0
3
0
RESERVED
RESERVED
2
1
RESERVED
RESERVED
1
0
SRC0_AMP1
SRC0 amplitude adjustment
00= 700mV, 01=800mV, 10=900mV, 11= 1000mV
0
1
SRC0_AMP0
Byte 6: Control Register 6
Byte 7: Vendor ID
Bit
@Pup
Name
Description
7
0
Rev Code Bit 3
Revision Code Bit 3
6
0
Rev Code Bit 2
Revision Code Bit 2
5
0
Rev Code Bit 1
Revision Code Bit 1
4
1
Rev Code Bit 0
Revision Code Bit 0
3
1
Vendor ID bit 3
Vendor ID Bit 3
2
0
Vendor ID bit 2
Vendor ID Bit 2
1
0
Vendor ID bit 1
Vendor ID Bit 1
0
0
Vendor ID bit 0
Vendor ID Bit 0
Byte 8: Control Register 8
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
0
RESERVED
RESERVED
4
0
BC4
Byte count register for block read operation.
The default value for Byte count is 9.
In order to read beyond Byte 9, the user should change the byte count
limit.to or beyond the byte that is desired to be read.
31
BC3
21
BC2
11
BC1
01
BC0
Byte 9: Control Register 9
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
1
SRC3_OE
Output enable for SRC3
0 = Output Disabled, 1 = Output Enabled
5
1
SRC2_OE
Output enable for SRC2
0 = Output Disabled, 1 = Output Enabled
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
1
RESERVED
RESERVED


同様の部品番号 - SL28PCIe16ALCT

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

同様の説明 - SL28PCIe16ALCT

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
logo
PCA ELECTRONICS INC.
EPC3126-X PCA-EPC3126-X Datasheet
16Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X PCA-EPC3126-X_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X-LF PCA-EPC3126-X-LF_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
   Nano Power, Push/Pull Output Comparator
July 12, 2012
logo
PCA ELECTRONICS INC.
EPC3126-1-LF PCA-EPC3126-1-LF Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
Renesas Technology Corp
ISL28915 RENESAS-ISL28915 Datasheet
582Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com