データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL28PCIe16ALCT データシート(PDF) 8 Page - Silicon Laboratories

部品番号 SL28PCIe16ALCT
部品情報  Low power push-pull type differential output buffers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe16ALCT データシート(HTML) 8 Page - Silicon Laboratories

Back Button SL28PCIe16ALCT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 11Page - Silicon Laboratories SL28PCIe16ALCT Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SL28PCIe16
DOC#: SP-AP-0790 (Rev. 0.3)
Page 8 of 12
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
LACC
Long-term Accuracy
Measured at VDD/2 differential
250
ppm
Clock Input
TDC
CLKIN Duty Cycle
Measured at VDD/2
47
53
%
TR/TF
CLKIN Rise and Fall Times
Measured between 0.2VDD and 0.8VDD
0.5
4.0
V/ns
TCCJ
CLKIN Cycle to Cycle Jitter
Measured at VDD/2
250
ps
TLTJ
CLKIN Long Term Jitter
Measured at VDD/2
350
ps
VIH
Input High Voltage
XIN / CLKIN pin
2
VDD+0.3
V
VIL
Input Low Voltage
XIN / CLKIN pin
0.8
V
IIH
Input High Current
XIN / CLKIN pin, VIN = VDD
35
uA
IIL
Input Low Current
XIN / CLKIN pin, 0 < VIN <0.8
–35
uA
SRC at 0.7V
TDC
SRC Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
100 MHz SRC Period
Measured at 0V differential at 0.1s
9.99900
10.0010
ns
TPERIODSS
100 MHz SRC Period, SSC
Measured at 0V differential at 0.1s
10.02406
10.02607
ns
TPERIODAbs
100 MHz SRC Absolute Period
Measured at 0V differential at 1 clock
9.87400
10.1260
ns
TPERIODSSAbs 100 MHz SRC Absolute Period, SSC
Measured at 0V differential at 1 clock
9.87406
10.1762
ns
TCCJ
SRC Cycle to Cycle Jitter
Measured at 0V differential
50
ps
RMSGEN1
Output PCIe* Gen1 REFCLK phase
jitter
BER = 1E-12 (including PLL BW 8 - 16
MHz, ζ = 0.54, Td=10 ns,
Ftrk=1.5 MHz)
0108
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.0
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.1
ps
RMSGEN3
Output phase jitter impact – PCIe*
Gen3
Includes PLL BW 2 - 4 MHz,
CDR = 10MHz)
01.0
ps
LACC
SRC Long Term Accuracy
Measured at 0V differential
100
ppm
TR / TF
SRC Rising/Falling Slew Rate
Measured differentially from ±150 mV
2.5
8
V/ns
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
ENABLE/DISABLE and SET-UP
TSTABLE
Clock Stabilization from Power-up
1.8
ms
TSS
Stopclock Set-up Time
10.0
ns


同様の部品番号 - SL28PCIe16ALCT

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SL28PCIE10 SILABS-SL28PCIE10 Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALC SILABS-SL28PCIe10ALC Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALCT SILABS-SL28PCIe10ALCT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALI SILABS-SL28PCIe10ALI Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
SL28PCIe10ALIT SILABS-SL28PCIe10ALIT Datasheet
393Kb / 16P
   EProClock짰PCI-Express Gen 2 Clock Generator
More results

同様の説明 - SL28PCIe16ALCT

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
   1.8V Low-Power Push-Pull Output Comparator
2009-2013
logo
PCA ELECTRONICS INC.
EPC3126-X PCA-EPC3126-X Datasheet
16Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X PCA-EPC3126-X_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
EPC3126-X-LF PCA-EPC3126-X-LF_15 Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
   Nano Power, Push/Pull Output Comparator
July 12, 2012
logo
PCA ELECTRONICS INC.
EPC3126-1-LF PCA-EPC3126-1-LF Datasheet
17Kb / 1P
   Stand-Off Type Low Power Push-Pull Transformers
logo
Intersil Corporation
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
Renesas Technology Corp
ISL28915 RENESAS-ISL28915 Datasheet
582Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com