データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si82390AB-IS1 データシート(PDF) 2 Page - Silicon Laboratories

部品番号 Si82390AB-IS1
部品情報  Enhanced output UVLO safety
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82390AB-IS1 データシート(HTML) 2 Page - Silicon Laboratories

  Si82390AB-IS1 Datasheet HTML 1Page - Silicon Laboratories Si82390AB-IS1 Datasheet HTML 2Page - Silicon Laboratories Si82390AB-IS1 Datasheet HTML 3Page - Silicon Laboratories Si82390AB-IS1 Datasheet HTML 4Page - Silicon Laboratories Si82390AB-IS1 Datasheet HTML 5Page - Silicon Laboratories Si82390AB-IS1 Datasheet HTML 6Page - Silicon Laboratories Si82390AB-IS1 Datasheet HTML 7Page - Silicon Laboratories Si82390AB-IS1 Datasheet HTML 8Page - Silicon Laboratories Si82390AB-IS1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
1. Ordering Guide
Table 1.1. Si8239x Ordering Guide
Ordering Part
Number
Configuration
Output
UVLO
Enhanced
UVLO
UVLO
Status
Pin
Delayed
Startup
Time
Dead-Time
Setting
Deglitch
Package
Type
Isolation
Rating
Available Now
Si82390AD-IS
Dual, VIA, VIB
6 V
Yes
Yes
Yes
N/A
No
SOIC-16 WB
5 kVrms
Si82390BD-IS
Dual, VIA, VIB
8 V
Yes
Yes
Yes
N/A
No
SOIC-16 WB
5 kVrms
Si82390CD-IS
Dual, VIA, VIB
12 V
Yes
Yes
Yes
N/A
No
SOIC-16 WB
5 kVrms
Si82395AD-IS
Dual, VIA, VIB
6 V
No
Yes
Yes
N/A
No
SOIC-16 WB
5 kVrms
Si82395BD-IS
Dual, VIA, VIB
8 V
No
Yes
Yes
N/A
No
SOIC-16 WB
5 kVrms
Si82395CD-IS
Dual, VIA, VIB
12 V
No
Yes
Yes
N/A
No
SOIC-16 WB
5 kVrms
Si82397AD-IS
Dual, VIA, VIB
6 V
No
No
Yes
N/A
No
SOIC-16 WB
5 kVrms
Si82397BD-IS
Dual, VIA, VIB
8 V
No
No
Yes
N/A
No
SOIC-16 WB
5 kVrms
Si82397CD-IS
Dual, VIA, VIB
12 V
No
No
Yes
N/A
No
SOIC-16 WB
5 kVrms
Si82391AD-IS
Dual, VIA, VIB
6 V
Yes
Yes
No
N/A
No
SOIC-16 WB
5 kVrms
Si82391BD-IS
Dual, VIA, VIB
8 V
Yes
Yes
No
N/A
No
SOIC-16 WB
5 kVrms
Si82391CD-IS
Dual, VIA, VIB
12 V
Yes
Yes
No
N/A
No
SOIC-16 WB
5 kVrms
Si82393CD-IS
HS/LS,
VIA/VIB
12 V
Yes
Yes
No
N/A
Yes
SOIC-16 WB
5 kVrms
Si82396AD-IS
Dual, VIA, VIB
6 V
No
Yes
No
N/A
No
SOIC-16 WB
5 kVrms
Si82396BD-IS
Dual, VIA, VIB
8 V
No
Yes
No
N/A
No
SOIC-16 WB
5 kVrms
Si82396CD-IS
Dual, VIA, VIB
12 V
No
Yes
No
N/A
No
SOIC-16 WB
5 kVrms
Si82394AD-IS
HS/LS, PWM
6 V
No
Yes
Yes
10–200 ns
No
SOIC-16 WB
5 kVrms
Si82394BD-IS
HS/LS, PWM
8 V
No
Yes
Yes
10–200 ns
No
SOIC-16 WB
5 kVrms
Si82394CD-IS
HS/LS, PWM
12 V
No
Yes
Yes
10–200 ns
No
SOIC-16 WB
5 kVrms
Si82398AD-IS
HS/LS, PWM
6 V
No
Yes
No
10–200 ns
No
SOIC-16 WB
5 kVrms
Si82398BD-IS
HS/LS, PWM
8 V
No
Yes
No
10–200 ns
No
SOIC-16 WB
5 kVrms
Si82398CD-IS
HS/LS, PWM
12 V
No
Yes
No
10–200 ns
No
SOIC-16 WB
5 kVrms
Si82390AB-IS1
Dual, VIA, VIB
6 V
Yes
Yes
Yes
N/A
No
SOIC-16 NB
2.5
kVrms
Si82390BB-IS1
Dual, VIA, VIB
8 V
Yes
Yes
Yes
N/A
No
SOIC-16 NB
2.5
kVrms
Si82390CB-IS1
Dual, VIA, VIB
12 V
Yes
Yes
Yes
N/A
No
SOIC-16 NB
2.5
kVrms
Si82392BB-IS1
HS/LS,
VIA/VIB
8 V
No
Yes
No
N/A
No
SOIC-16 NB
2.5
kVrms
Si82395AB-IS1
Dual, VIA, VIB
6 V
No
Yes
Yes
N/A
No
SOIC-16 NB
2.5
kVrms
Si82395BB-IS1
Dual, VIA, VIB
8 V
No
Yes
Yes
N/A
No
SOIC-16 NB
2.5
kVrms
Si8239x Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 1


同様の部品番号 - Si82390AB-IS1

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
Si82390AB-IS1 SILABS-Si82390AB-IS1 Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Skyworks Solutions Inc.
SI82390AB-IS1 SKYWORKS-SI82390AB-IS1 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

同様の説明 - Si82390AB-IS1

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
NC12S40A DELTA-NC12S40A Datasheet
993Kb / 14P
   Input UVLO, output OVP, OTP, OCP, SCP
logo
Renesas Technology Corp
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
   20-Output Enhanced DB2000QL
October 6, 2022
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
   20-Output Enhanced DB2000Q
Apr 5, 2022
logo
All Sensors Corporation
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
   Enhanced Digital Output Sensors
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Ultralife Corporation.
UHR-XR34610 ULTRALIFE-UHR-XR34610 Datasheet
471Kb / 2P
   Enhanced safety with a thermal fuse and shutdown separator.
Rev -
logo
Maxim Integrated Produc...
MAX22701EVKIT MAXIM-MAX22701EVKIT Datasheet
2Mb / 18P
   2 EV Kits to Support 3 Output Options: GNDB, Miller Clamp, or Adjustable UVLO
Rev 1; 3/20
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
   Enhanced Digital Output Sensors: Extended temperature range
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H312 AVAGO-ACPL-H312 Datasheet
212Kb / 17P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com