データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0-91047-3 データシート(PDF) 2 Page - Tyco Electronics

部品番号 0-91047-3
部品情報  Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

0-91047-3 データシート(HTML) 2 Page - Tyco Electronics

  0-91047-3 Datasheet HTML 1Page - Tyco Electronics 0-91047-3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
408-7384
2 of 2
Rev A
Figure 3
Excessive or improper force may cause damage
to the contacts or cable.
4. After the cable and all of the contacts have
been completely extracted, remove the tool from
the connector.
4. MAINTENANCE AND INSPECTION
To ensure proper operation, the tool should conform
to the dimensions provided in Figure 4.
It is recommended that the tool be inspected
immediately when received and at regularly
scheduled intervals.
It is recommended that the tool be stored in a clean,
dry place and cleaned with a soft, lint-free cloth.
5. REPLACEMENT AND REPAIR
The tool is not repairable and should be replaced
when worn or damaged. Additional tools can be
purchased from:
CUSTOMER SERVICE (038-035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105-3608
6. REVISION SUMMARY
Revisions to this instruction sheet include:
Updated instruction sheet to corporate
requirements
Removed obsolete extraction tools
Replaced connector series part numbers with
reference part number
Figure 4
CAUTION
!
EXTRACTION TOOL
PART NUMBER
DIMENSION
PART NUMBER
DIMENSION
AB
AB
0-91047-1
20.32 [.800]
21.08 [.830]
1-91047-4
27.94 [1.100]
28.70 [1.130]
0-91047-2
45.72 [1.800]
46.48 [1.830]
1-91047-5
33.02 [1.300]
33.78 [1.330]
0-91047-3
71.12 [2.800]
71.88 [2.830]
1-91047-6
35.56 [1.400]
36.32 [1.430]
0-91047-5
48.26 [1.900]
49.02 [1.930]
1-91047-8
10.16 [.400]
10.92 [.430]
1-91047-0
22.86 [.900]
23.62 [.930]
1-91047-9
5.08 [.200]
5.84 [.230]
1-91047-2
86.36 [3.400]
87.12 [3.430]
2-91047-6
17.78 [.700]
18.54 [.730]
Tool Fully Inserted
into Connector
Radius Between
Tool Blades
Visible
32.51
[1.280]
2.54 [1.00]
0.76 [.030]
B
A
6.73
[.265]
0.38 [.015]
2.29 [.09]
Tool Number
Marked Here


同様の部品番号 - 0-91047-3

メーカー部品番号データシート部品情報
logo
3M Electronics
0-9 3M-0-9 Datasheet
44Kb / 3P
   STD Tape Dispenser SDR Wire Marking Tape
logo
TE Connectivity Ltd
0-9 TEC-0-9 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
0-929975-1 MACOM-0-929975-1 Datasheet
93Kb / 1P
   2.5MM KONTAKTBUCHSE FUR EINZELDICHTUNG
0-929975-4 MACOM-0-929975-4 Datasheet
93Kb / 1P
   2.5MM KONTAKTBUCHSE FUR EINZELDICHTUNG
0-929975-7 MACOM-0-929975-7 Datasheet
93Kb / 1P
   2.5MM KONTAKTBUCHSE FUR EINZELDICHTUNG
More results

同様の説明 - 0-91047-3

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
408-8644 TEC-408-8644 Datasheet
188Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
408-9872 TEC-408-9872 Datasheet
123Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
408-7678 TEC-408-7678 Datasheet
214Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY
logo
Tyco Electronics
408-7803 MACOM-408-7803 Datasheet
102Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY
logo
TE Connectivity Ltd
408-7984 TEC-408-7984 Datasheet
150Kb / 1P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
408-2585 MACOM-408-2585 Datasheet
220Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-9750 TEC-408-9750 Datasheet
452Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
408-9745 MACOM-408-9745 Datasheet
101Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 5, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com