データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29501 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL29501
部品情報  Time of Flight (ToF) Signal Processing IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29501 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL29501 Datasheet HTML 2Page - Intersil Corporation ISL29501 Datasheet HTML 3Page - Intersil Corporation ISL29501 Datasheet HTML 4Page - Intersil Corporation ISL29501 Datasheet HTML 5Page - Intersil Corporation ISL29501 Datasheet HTML 6Page - Intersil Corporation ISL29501 Datasheet HTML 7Page - Intersil Corporation ISL29501 Datasheet HTML 8Page - Intersil Corporation ISL29501 Datasheet HTML 9Page - Intersil Corporation ISL29501 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL29501
6
FN8681.3
June 29, 2016
Submit Document Feedback
I2C Electrical Specifications For SCL, SDA, A1, A2, IRQ Unless otherwise stated, VDD = 3V, TA = +25°C. Boldface limits apply across
the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
(Note 9)
MAX
(Note 8)UNIT
Supply Voltage Range for I2C
Specification
VI2C
1.8
3.3
V
Input Leakage
IIL
VIN = GND to VCC
1
µA
Input LOW Voltage
VIL
-0.3
0.3 x VCC
V
Input HIGH Voltage
VIH
0.7 x VCC
VCC + 0.3
V
SDA and SCL Input Buffer Hysteresis
Vhys
0.05 x VCC
V
SDA Output Buffer low Voltage
VOL
IOL = 3mA
00.4
V
Pin Capacitance (Note 10)Cpin
10
pF
SCL Frequency
fSCL
400
kHz
Pulse Width Suppression Time At SDA
and SCL Inputs
tsp
Any pulse narrower than the maximum
specification is suppressed
50
ns
SCL Falling Edge to SDA Output Data
Valid
tAA
SCL falling edge crossing 30% of VCC, until
SDA exits the 30% to 70% of VCC window
900
ns
Time the Bus Must Be Free Before the
Start of A New Transmission
tBUF
SDA crossing 70% of VCC during a STOP
condition, to SDA crossing 70% of VCC during
the following START condition
1300
ns
Clock Low Time
tLOW
Measured at the 30% of VCC crossing
1300
ns
Clock High Time
tHIGH
Measured at the 70% of VCC crossing
600
ns
START Condition Set-Up Time
tSU:STA
SCL rising edge to SDA falling edge; both
crossing 70% of VCC
600
ns
START Condition Hold Time
tHD:STA
From SDA falling edge crossing 30% of VCC
to SCL falling edge crossing 70% of VCC
600
ns
Input Data Set-Up Time
tSU:DAT
From SDA exiting the 30% to 70% of VCC
window, to SCL rising edge crossing 30% of
VCC
100
ns
Input Data Hold Time
tHD:DAT
From SCL rising edge crossing 70% of VCC to
SDA entering the 30% to 70% of VCC window
0
ns
STOP Condition Set-Up Time
tSU:STO
From SCL rising edge crossing 70% of VCC, to
SDA rising edge crossing 30% of VCC
600
ns
STOP Condition Hold Time for Read, or
Volatile Only Write
tHD:STO
From SDA rising edge to SCL falling edge;
both crossing 70% of VCC
1300
ns
Output Data Hold Time
tDH
From SCL falling edge crossing 30% of VCC,
until SDA enters the 30% to 70% of VCC
window
0
ns
SDA and SCL Rise Time
tR
From 30% to 70% of VCC
20 + 0.1 x cb
250
ns
SDA and SCL Fall Time
tF
From 70% to 30% of VCC
20 + 0.1 x cb
250
ns
Capacitive Loading of SDA or SCL
Cb
Total on-chip and off-chip
10
400
pF
SDA and SCL Bus Pull-Up Resistor
Off-Chip
Rpu
Maximum is determined by tR and tF
For Cb = 400pF, maximum is about
2kΩ ~2.5kΩ
For Cb = 40pF, maximum is about
15kΩ ~ 20kΩ
1
Output Leakage Current (SDA only)
ILO
VOUT = GND to VCC
1
µA
A1, A2, SDA and SCL Input Buffer low
Voltage
VIL
-0.3
VCC x 0.3
V


同様の部品番号 - ISL29501

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29501 RENESAS-ISL29501 Datasheet
1Mb / 22P
   Time of Flight (ToF) Signal Processing IC
ISL29501 RENESAS-ISL29501 Datasheet
1,011Kb / 23P
   Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
logo
Intersil Corporation
ISL29501 INTERSIL-ISL29501 Datasheet
120Kb / 2P
   Time of Flight (ToF) Signal Processing IC
October 7, 2015
logo
Renesas Technology Corp
ISL29501-CS-EVKIT1Z RENESAS-ISL29501-CS-EVKIT1Z Datasheet
1Mb / 22P
   Time of Flight (ToF) Signal Processing IC
ISL29501-CS-EVKIT1Z RENESAS-ISL29501-CS-EVKIT1Z Datasheet
1,011Kb / 23P
   Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
More results

同様の説明 - ISL29501

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29501 INTERSIL-ISL29501_15 Datasheet
120Kb / 2P
   Time of Flight (ToF) Signal Processing IC
October 7, 2015
logo
Renesas Technology Corp
ISL29501 RENESAS-ISL29501 Datasheet
1Mb / 22P
   Time of Flight (ToF) Signal Processing IC
ISL29501 RENESAS-ISL29501_V01 Datasheet
1,011Kb / 23P
   Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
logo
STMicroelectronics
VL53L8CH STMICROELECTRONICS-VL53L8CH Datasheet
3Mb / 44P
   Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
DS14310 - Rev 3
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Infineon Technologies A...
IRS1010C INFINEON-IRS1010C Datasheet
379Kb / 2P
   Most integrated and sophisticated Time-of-Flight (ToF) imager available on the market.
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com