データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F-4V8A データシート(PDF) 1 Page - THOR communications

部品番号 F-4V8A
部品情報  We offer both off the shelf and custom solutions for video transmission over fiber.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THOR [THOR communications]
ホームページ  http://www.thorfiber.com
Logo THOR - THOR communications

F-4V8A データシート(HTML) 1 Page - THOR communications

  F-4V8A Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-4V8A
We offer both off the shelf and custom
solutions for video transmission over
fiber. Our fiber optics video converters
are ideal for multiplexing up to 32
composite video channels and 64 audio
channels over fiber. We also offer bi-directional transport of signals in both directions over a single
fiber. The F-4V8A is a video multiplexer and video to fiber system that carries 4 channel of composite
video and 8 channels of audio over a single fiber. The video and audio signals are transported by 10
bit digital transmission techniques which eliminates signal degradation. Our units work with standard
singlemode or multimode optical fiber with fiber optic transmission distances of up to 120 km when
used with singlemode fiber.
Typical F-4V8A Application
Technical Specifications
Standards:
NTSC, PAL, SECAM
Channels:
4 Baseband Video & 8 Audio
Video Bandwidth
10Hz – 6.5MHz
SNR/dP/dG
67 dB < 1 deg / < 0.5%
Video Input
1 Vp-p 75 ohm
Audio
Terminal Block, 600 ohm
Optical Wavelength
1310nm – 40 Km
1550nm – 80Km
CWDM, DWDM - 80Km, 120Km
Tx Output Power
-5 dBm
Rx Sensitivity
-30 dBm
Saturation
No
Operating Temp:
0 – 50 (°C)
Storage Temp:
-20 – 70 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
480mmX225mmX44mm
Video/Audio Out
PN: F-4V8A-T
Video/Audio In
PN: F-4V8A-R
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


同様の部品番号 - F-4V8A

メーカー部品番号データシート部品情報
logo
TRIAD MAGNETICS
F-400U TRIAD-F-400U Datasheet
42Kb / 1P
   Chassis Mount: Control Transformer
F-401U TRIAD-F-401U Datasheet
219Kb / 3P
   Chassis Mount: Single Secondary
F-401U TRIAD-F-401U Datasheet
241Kb / 3P
   ChassisMount SingleSecondary
F-401U TRIAD-F-401U_13 Datasheet
43Kb / 1P
   Chassis Mount: Single Secondary
F-40X TRIAD-F-40X Datasheet
241Kb / 3P
   ChassisMount SingleSecondary
More results

同様の説明 - F-4V8A

メーカー部品番号データシート部品情報
logo
THOR communications
F-8V16A THOR-F-8V16A Datasheet
2Mb / 1P
   We offer both off the shelf and custom solutions for video transmission over fiber
F-2V4A THOR-F-2V4A Datasheet
1Mb / 1P
   We offer both off the shelf and custom solutions for video transmission over fiber.
F-16V32A THOR-F-16V32A Datasheet
3Mb / 1P
   We offer both off the shelf and custom solutions for video transmission over fiber.
F-1V2A1ASI THOR-F-1V2A1ASI Datasheet
1Mb / 1P
   We offer off the shelf and custom solutions for multiplexing many types of signals onto a single fiber.
logo
SUNNY Computer Technolo...
YSDH240 SUNNY-YSDH240 Datasheet
277Kb / 6P
   The series offer diverse solutions for demanding automation around the world
YSDH480 SUNNY-YSDH480 Datasheet
297Kb / 7P
   The series offer diverse solutions for demanding automation around the world.
logo
Ultralife Corporation.
UBBL21 ULTRALIFE-UBBL21 Datasheet
508Kb / 2P
   Off-the-shelf convenience
Rev: F
UBBL24 ULTRALIFE-UBBL24 Datasheet
161Kb / 2P
   Off-the-shelf convenience
Rev: H
UBBL26 ULTRALIFE-UBBL26 Datasheet
159Kb / 2P
   Off-the-shelf convenience
Rev: D
UBBL22 ULTRALIFE-UBBL22 Datasheet
319Kb / 2P
   Off-the-shelf convenience
Rev: F
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com