データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F-16V32A データシート(PDF) 1 Page - THOR communications

部品番号 F-16V32A
部品情報  We offer both off the shelf and custom solutions for video transmission over fiber.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THOR [THOR communications]
ホームページ  http://www.thorfiber.com
Logo THOR - THOR communications

F-16V32A データシート(HTML) 1 Page - THOR communications

  F-16V32A Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-16V32A
We offer both off the shelf and custom
solutions for video transmission over
fiber. Our fiber optics video converters
are ideal for multiplexing up to 32
composite video channels and 64 audio
channels over fiber. We also offer bi-directional transport of signals in both directions over a single
fiber. The F-16V32A is a video multiplexer and video to fiber system that carries 16 channel of
composite video and 32 channels of audio over a single fiber. The video and audio signals are
transported by 10 bit digital transmission techniques which eliminates signal degradation. Our units
work with standard singlemode or multimode optical fiber with fiber optic transmission distances of up
to 120 km when used with singlemode fiber.
Typical F-16V32A Application
Technical Specifications
Standards:
NTSC, PAL, SECAM
Channels:
16 Baseband Video & 32 Audio
Video Bandwidth
10Hz – 6.5MHz
SNR/dP/dG
67 dB < 1 deg / < 0.5%
Video Input
1 Vp-p 75 ohm
Audio
Terminal Block, 600 ohm
Optical Wavelength
1310nm – 40 Km
1550nm – 80Km
CWDM, DWDM - 80Km, 120Km
Tx Output Power
-5 dBm
Rx Sensitivity
-30 dBm
Saturation
No
Operating Temp:
0 – 50 (°C)
Storage Temp:
-20 – 70 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
480mmX225mmX44mm
Video/Audio Out
PN: F-16V32A-T
Video/Audio In
PN: F-16V32A-R
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


同様の部品番号 - F-16V32A

メーカー部品番号データシート部品情報
logo
Rhombus Industries Inc.
F-1600 RHOMBUS-IND-F-1600 Datasheet
47Kb / 1P
   Common Mode Chokes for Telecom Applications
F-1600 RHOMBUS-IND-F-1600 Datasheet
33Kb / 1P
   ISDN S Interface Common Mode Choke
F-1601 RHOMBUS-IND-F-1601 Datasheet
47Kb / 1P
   Common Mode Chokes for Telecom Applications
F-1602 RHOMBUS-IND-F-1602 Datasheet
47Kb / 1P
   Common Mode Chokes for Telecom Applications
logo
TRIAD MAGNETICS
F-160P TRIAD-F-160P Datasheet
256Kb / 3P
   PC Mount Single Primary
More results

同様の説明 - F-16V32A

メーカー部品番号データシート部品情報
logo
THOR communications
F-8V16A THOR-F-8V16A Datasheet
2Mb / 1P
   We offer both off the shelf and custom solutions for video transmission over fiber
F-2V4A THOR-F-2V4A Datasheet
1Mb / 1P
   We offer both off the shelf and custom solutions for video transmission over fiber.
F-4V8A THOR-F-4V8A Datasheet
1Mb / 1P
   We offer both off the shelf and custom solutions for video transmission over fiber.
F-1V2A1ASI THOR-F-1V2A1ASI Datasheet
1Mb / 1P
   We offer off the shelf and custom solutions for multiplexing many types of signals onto a single fiber.
logo
SUNNY Computer Technolo...
YSDH240 SUNNY-YSDH240 Datasheet
277Kb / 6P
   The series offer diverse solutions for demanding automation around the world
YSDH480 SUNNY-YSDH480 Datasheet
297Kb / 7P
   The series offer diverse solutions for demanding automation around the world.
logo
Ultralife Corporation.
UBBL21 ULTRALIFE-UBBL21 Datasheet
508Kb / 2P
   Off-the-shelf convenience
Rev: F
UBBL24 ULTRALIFE-UBBL24 Datasheet
161Kb / 2P
   Off-the-shelf convenience
Rev: H
UBBL26 ULTRALIFE-UBBL26 Datasheet
159Kb / 2P
   Off-the-shelf convenience
Rev: D
UBBL22 ULTRALIFE-UBBL22 Datasheet
319Kb / 2P
   Off-the-shelf convenience
Rev: F
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com