データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14C88B データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC14C88B
部品情報  QUAD LOW POWER LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14C88B データシート(HTML) 3 Page - Motorola, Inc

  MC14C88B Datasheet HTML 1Page - Motorola, Inc MC14C88B Datasheet HTML 2Page - Motorola, Inc MC14C88B Datasheet HTML 3Page - Motorola, Inc MC14C88B Datasheet HTML 4Page - Motorola, Inc MC14C88B Datasheet HTML 5Page - Motorola, Inc MC14C88B Datasheet HTML 6Page - Motorola, Inc MC14C88B Datasheet HTML 7Page - Motorola, Inc MC14C88B Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14C88B
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (–40
°C p TA p +85°C, unless otherwise noted.)*
Characteristic
Symbol
Min
Typ
Max
Unit
Input Current
Vin = 0 V, VCC =  VEE  = 4.75 V
Vin = 0 V, VCC =  VEE  = 15 V
Vin = 4.5 V, VCC =  VEE  = 4.75 V
Vin = 4.5 V, VCC =  VEE  = 15 V
Iin
–10
–10
0
0
–0.1
–0.1
+0.1
+0.1
0
0
+10
+10
µA
TIMING CHARACTERISTICS (–40
°C p TA p +85°C, unless otherwise noted.)*
Characteristic
Symbol
Min
Typ
Max
Unit
Output Rise Time
VCC = 4.75 V, VEE = –4.75 V
–3.3 V
pVO p 3.3 V
CL = 15 pF
CL = 1000 pF
–3.0 V
pVO p 3.0 V
CL = 15 pF
CL = 1000 pF
VCC = 12.0 V, VEE = –12.0 V
–3.0 V
pVO p 3.0 V
CL = 15 pF
CL = 2500 pF
10%
pVO p 90%
CL = 15 pF
tR1
tR2
tR3
0.22
0.22
0.20
0.20
0.20
0.20
0.53
0.66
1.52
0.51
1.16
0.62
0.82
1.41
2.1
2.1
1.5
1.5
1.5
1.5
3.2
µs
Output Fall Time
VCC = 4.75 V, VEE = –4.75 V
3.3 V
pVO p –3.3 V
CL = 15 pF
CL = 1000 pF
3.0 V
pVO p –3.0 V
CL = 15 pF
CL = 1000 pF
VCC = 12.0 V, VEE = –12.0 V
3.0 V
pVO p –3.0 V
CL = 15 pF
CL = 2500 pF
90%
pVO p 10%
CL = 15 pF
tF1
tF2
tF3
0.22
0.22
0.20
0.20
0.20
0.20
0.53
0.93
1.28
0.72
1.01
0.70
0.94
1.71
2.1
2.1
1.5
1.5
1.5
1.5
3.2
µs
Output Slew Rate, 3.0 k
Ω t RL t 7.0 kΩ , 15 pF t CL t 2500 pF
SR
4.0
30
V/
µs
Propagation Delay A (CL = 15 pF, see Figure 1)
VCC = 12.0 V, VEE = –12.0 V
Input to Output – Low to High
Input to Output – High to Low
Propagation Delay B (CL = 15 pF, see Figure 1)
VCC = 4.75 V, VEE = –4.75 V
Input to Output – Low to High
Input to Output – High to Low
tPLH
tPHL
tPLH
tPHL
0.9
2.3
0.4
1.5
3.0
3.5
2.0
2.5
µs
* Typicals reflect performance @ TA = 25°C


同様の部品番号 - MC14C88B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14C89 ONSEMI-MC14C89 Datasheet
118Kb / 6P
   QUAD LOW POWER LINE RECEIVERS
1996 REV 0
MC14C89ABD ONSEMI-MC14C89ABD Datasheet
118Kb / 6P
   QUAD LOW POWER LINE RECEIVERS
1996 REV 0
MC14C89ABP ONSEMI-MC14C89ABP Datasheet
118Kb / 6P
   QUAD LOW POWER LINE RECEIVERS
1996 REV 0
MC14C89B ONSEMI-MC14C89B Datasheet
118Kb / 6P
   QUAD LOW POWER LINE RECEIVERS
1996 REV 0
MC14C89BP ONSEMI-MC14C89BP Datasheet
118Kb / 6P
   QUAD LOW POWER LINE RECEIVERS
1996 REV 0
More results

同様の説明 - MC14C88B

メーカー部品番号データシート部品情報
logo
Linear Technology
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
   Quad Low Power Line Driver?
LT1032 LINER-LT1032_02 Datasheet
205Kb / 12P
   Quad Low Power Line Driver
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
   Quad Low Power Line Driver
LT1032 LINER-LT1032 Datasheet
184Kb / 8P
   Quad Low Power Line Driver
LT1030 LINER-LT1030_15 Datasheet
196Kb / 4P
   Quad Low Power Line Driver
LT1032 LINER-LT1032_15 Datasheet
214Kb / 12P
   Quad Low Power Line Driver
logo
National Semiconductor ...
DS1488 NSC-DS1488 Datasheet
161Kb / 6P
   Quad Line Driver
logo
ARTSCHIP ELECTRONICS CO...
MC1488 ARTSCHIP-MC1488 Datasheet
377Kb / 7P
   Quad Line Driver
logo
Fairchild Semiconductor
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
   Low Power Quad Differential Line Driver with Cut-Off
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
   Low Power Quad Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com