データシートサーチシステム |
|
MC10172 データシート(PDF) 3 Page - Motorola, Inc |
|
MC10172 データシート(HTML) 3 Page - Motorola, Inc |
3 / 5 page MC10172 MOTOROLA MECL Data DL122 — Rev 6 3–114 ELECTRICAL CHARACTERISTICS (continued) TEST VOLTAGE VALUES (Volts) @ Test Temperature VIHmax VILmin VIHAmin VILAmax VEE –30 °C –0.890 –1.890 –1.205 –1.500 –5.2 +25 °C –0.810 –1.850 –1.105 –1.475 –5.2 +85 °C –0.700 –1.825 –1.035 –1.440 –5.2 Pin Under TEST VOLTAGE APPLIED TO PINS LISTED BELOW (VCC) Characteristic Symbol Under Test VIHmax VILmin VIHAmin VILAmax VEE (VCC) Gnd Power Supply Drain Current IE 8 8 1, 16 Input Current IinH 14 14 8 1, 16 IinL 14 14 8 1, 16 Output Voltage Logic 1 VOH 6 13 2 14 8 8 1, 16 1, 16 Output Voltage Logic 0 VOL 13 15 2,7,9,14 8 1, 16 Threshold Voltage Logic 1 VOHA 6 13 2 14 8 8 1, 16 1, 16 Threshold Voltage Logic 0 VOLA 6 13 2,9,14 2,7,14 7 9 8 8 1, 16 1, 16 Switching Times (50 Ω Load) +1.11V +0.31V Pulse In Pulse Out –3.2 V +2.0 V Propagation Delay t7+6– t7–6+ t7+13– t7–13+ 6 6 13 13 2 2 14 14 9, 14 9, 14 2, 9 2,9 7 7 7 7 6 6 13 13 8 8 8 8 1, 16 1, 16 1, 16 1, 16 Rise Time (20 to 80%) t6+ t13+ 6 13 2 14 9, 14 2, 9 7 7 6 13 8 8 1, 16 1, 16 Fall Time (20 to 80%) t6– t13– 6 13 2 14 9, 14 2, 9 7 7 6 13 8 8 1, 16 1, 16 Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the same manner. |
同様の部品番号 - MC10172 |
|
同様の説明 - MC10172 |