データシートサーチシステム |
|
MC14000UBD データシート(PDF) 1 Page - Motorola, Inc |
|
MC14000UBD データシート(HTML) 1 Page - Motorola, Inc |
1 / 5 page MOTOROLA CMOS LOGIC DATA MC14000UB 2 Dual 3-Input NOR" Gate Plus Inverter The MC14000UB dual 3–input NOR gate plus inverter is constructed with MOS P–channel and N–channel enhancement mode devices in a single monolithic structure. These complementary MOS logic gates find primary use where low power dissipation and/or high noise immunity is desired. • Diode Protection on All Inputs • Supply Voltage Range = 3.0 Vdc to 18 Vdc • Logic Swing Independent of Fanout • Pin–for–Pin Replacement for CD4000UB MAXIMUM RATINGS* (Voltages Referenced to VSS) Symbol Parameter Value Unit VDD DC Supply Voltage – 0.5 to + 18.0 V Vin, Vout Input or Output Voltage (DC or Transient) – 0.5 to VDD + 0.5 V lin, lout Input or Output Current (DC or Transient), per Pin ± 10 mA PD Power Dissipation, per Package† 500 mW Tstg Storage Temperature – 65 to + 150 _C TL Lead Temperature (8–Second Soldering) 260 _C * Maximum Ratings are those values beyond which damage to the device may occur. †Temperature Derating: Plastic “P and D/DW” Packages: – 7.0 mW/ _C From 65_C To 125_C Ceramic “L” Packages: – 12 mW/ _C From 100_C To 125_C CIRCUIT SCHEMATIC 14 11 12 13 8 6 7 10 VSS 9 3 4 5 VDD MOTOROLA SEMICONDUCTOR TECHNICAL DATA © Motorola, Inc. 1995 REV 3 1/94 LOGIC DIAGRAM MC14000UB L SUFFIX CERAMIC CASE 632 ORDERING INFORMATION MC14XXXUBCP Plastic MC14XXXUBCL Ceramic MC14XXXUBD SOIC TA = – 55° to 125°C for all packages. P SUFFIX PLASTIC CASE 646 D SUFFIX SOIC CASE 751A PIN ASSIGNMENT 11 12 13 14 8 9 10 5 4 3 2 1 7 6 OUTB IN 1B IN 2B IN 3B VDD IN 1C OUTC IN 2A IN 1A NC NC VSS OUTA IN 3A NC = NO CONNECTION 3 4 5 6 11 12 13 10 8 9 VDD = PIN 14 VSS = PIN 7 |
同様の部品番号 - MC14000UBD |
|
同様の説明 - MC14000UBD |