データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC141543 データシート(PDF) 9 Page - Motorola, Inc

部品番号 MC141543
部品情報  Advanced Monitor On-Screen Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141543 データシート(HTML) 9 Page - Motorola, Inc

Back Button MC141543 Datasheet HTML 5Page - Motorola, Inc MC141543 Datasheet HTML 6Page - Motorola, Inc MC141543 Datasheet HTML 7Page - Motorola, Inc MC141543 Datasheet HTML 8Page - Motorola, Inc MC141543 Datasheet HTML 9Page - Motorola, Inc MC141543 Datasheet HTML 10Page - Motorola, Inc MC141543 Datasheet HTML 11Page - Motorola, Inc MC141543 Datasheet HTML 12Page - Motorola, Inc MC141543 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC141543
9
MOTOROLA
In order to have better character display within windows, it
is suggested that the designed character font be placed in
the center of the 10 x 16 matrix with equal space on all four
sides. The character $00 is predefined for blank characters,
the character $7F is predefined for full–filled characters, and
the character $7E is a random dot pattern reserved for test-
ing.
In order to avoid submersion of displayed symbols or char-
acters into a background of comparable colors, a feature of
bordering which encircles all four sides, or shadowing which
encircles only the right and bottom sides of an individual dis-
play character, are provided. Figure 7 shows how a character
is jacketed differently. To make sure that a character is bor-
dered or shadowed correctly, at least one blank dot should
be reserved on each side of the character font.
0
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
Bordering
0
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
Shadowing
Figure 7. Character Bordering and Shadowing
Frame Format and Timing
Figure 8 illustrates the positions of all display characters
on the screen relative to the leading edge of horizontal and
vertical flyback signals. The shaded area indicates the area
outside “safe viewing area” for the display characters. Notice
that there are two components in the equations stated in Fig-
ure 8 for horizontal and vertical delays: fixed delays from the
leading edge of HFLB and VFLB signals, regardless of the
values of HORD and VERTD (47 dots + phase detection
pulse width) and one H scan line for horizontal and vertical
delays, respectively; and variable delays determined by the
values of HORD and VERTD. Refer to Frame Control Reg-
isters Coln 9 and 10 for the definitions of VERTD and
HORD.
Phase detection pulse width is a function of the external
charge–up resistor, which is the 330 k
Ω resistor in a series
with 2 k
Ω to VCO pin in the Application Diagram. Dot fre-
quency is determined by the equation
H freq x 320 if Bit
X32B is clear, and
H freq x 480 if Bit X32B is set to 1 and Bit
X64 is 0, and
H freq x 640 if both Bit X32B and Bit X64 are
set to 1. For example, dot frequency is 10.24 MHz if H freq is
32 kHz while Bit X32B is 0. If Bit X32B is 1 and Bit X64 is 0,
the dot frequency will be 15.36 MHz (one and a half of the
original one). If Bit X32B is 1 and Bit X64 is also 1, the dot
frequency will be 20.48 MHz (double of the original one).
VFLB
. . . . . .
variable number of H scan lines
vertical delay =
VERTD x 4 + 1 H scan lines
Figure 8. Display Frame Format
When double character width is selected for a row, only the
even–numbered characters will be displayed, as shown in
Row 2. Notice that the total number of horizontal scan lines in
the display frame is variable, depending on the chosen char-
acter height of each row. Care should be taken while config-
uring each row character height so that the last horizontal
scan line in the display frame always comes out before the
leading edge of VFLB of the next frame, to avoid wrapping
display characters of the last few rows in the current frame
into the next frame. The number of display dots in a horizon-
tal scan line is always fixed at 300, regardless of row charac-
ter width and the setting of Bits X32B and X64.


同様の部品番号 - MC141543

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141540P4 MOTOROLA-MC141540P4 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
More results

同様の説明 - MC141543

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com