データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC141543P データシート(PDF) 6 Page - Motorola, Inc

部品番号 MC141543P
部品情報  Advanced Monitor On-Screen Display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141543P データシート(HTML) 6 Page - Motorola, Inc

Back Button MC141543P Datasheet HTML 2Page - Motorola, Inc MC141543P Datasheet HTML 3Page - Motorola, Inc MC141543P Datasheet HTML 4Page - Motorola, Inc MC141543P Datasheet HTML 5Page - Motorola, Inc MC141543P Datasheet HTML 6Page - Motorola, Inc MC141543P Datasheet HTML 7Page - Motorola, Inc MC141543P Datasheet HTML 8Page - Motorola, Inc MC141543P Datasheet HTML 9Page - Motorola, Inc MC141543P Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC141543
MOTOROLA
6
ADDRESS
ROW
COLUMN
COLUMN
X: don’t care
D: valid data
FORMAT
BIT
0
1
2
3
4
5
6
7
D
D
D
D
X
X
X
1
D
D
D
D
D
X
0
0
D
D
D
D
D
X
1
0
a, b
a, b, c
c
Figure 4. Row & Column Address Bit Patterns
MEMORY MANAGEMENT
Internal RAM is addressed with row and column (coln)
numbers in sequence. The spaces between Row 0 and Coln
0 to Row 14 and Coln 29 are called display registers, and
each contains a character ROM address corresponding to a
display location on the monitor screen. Every data row is
associated with two control registers, which are located at
Coln 30 and 31 of their respective rows, to control the char-
acter display format of that row. In addition, three window
control registers for each of the three windows, together with
three frame control registers, occupy the first 13 columns of
Row 15.
The user should handle the internal RAM address location
with care, especially those rows with double length alphanu-
meric symbols. For example, if Row n is destined to be
double height on the memory map, the data displayed on
screen Rows n and n+1 will be represented by the data con-
tained in the memory address of Row n only. The data of the
next Row n+1 on the memory map will appear on the screen
as n+2 and n+3 row space, and so on. Hence, it is not neces-
sary to load a row of blank data to compensate for the double
row. The user should minimize excessive rows of data in
memory in order to avoid overrunning the limited amount of
row space on the screen.
For rows with double width alphanumeric symbols, only
the data contained in the even numbered columns of the
memory map are shown. Odd numbered columns are
treated in the same manner as double height rows.
DISPLAY REGISTERS
COLUMN
29 30 31
0
0
14
WINDOW 1 WINDOW 2
FRAME CRTL REG
WINDOW 3
15
0
2 35 68 9
12
27 28
WINDOW AND FRAME CONTROL REGISTERS
Figure 5. Memory Map


同様の部品番号 - MC141543P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141540P4 MOTOROLA-MC141540P4 Datasheet
190Kb / 12P
   Monitor on-Screen Display
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
MC141541P MOTOROLA-MC141541P Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
More results

同様の説明 - MC141543P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
   Enhanced Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
STV9425-STV9425B STMICROELECTRONICS-STV9425-STV9425B Datasheet
184Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
   Monitor On-Screen Display Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com