データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145053 データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC145053
部品情報  10-Bit A/D Concerter with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145053 データシート(HTML) 2 Page - Motorola, Inc

  MC145053 Datasheet HTML 1Page - Motorola, Inc MC145053 Datasheet HTML 2Page - Motorola, Inc MC145053 Datasheet HTML 3Page - Motorola, Inc MC145053 Datasheet HTML 4Page - Motorola, Inc MC145053 Datasheet HTML 5Page - Motorola, Inc MC145053 Datasheet HTML 6Page - Motorola, Inc MC145053 Datasheet HTML 7Page - Motorola, Inc MC145053 Datasheet HTML 8Page - Motorola, Inc MC145053 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC145053
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS DEVICE DATA
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage (Referenced to VSS)
– 0.5 to + 6.0
V
Vref
DC Reference Voltage
VAG to VDD + 0.1
V
VAG
Analog Ground
VSS – 0.1 to Vref
V
Vin
DC Input Voltage, Any Analog or Digital
Input
VSS – 0.5 to
VDD + 0.5
V
Vout
DC Output Voltage
VSS – 0.5 to
VDD + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
IDD, ISS DC Supply Current, VDD and VSS Pins
± 50
mA
Tstg
Storage Temperature
– 65 to 150
°C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Func-
tional operation should be restricted to the Operation Ranges below..
OPERATION RANGES (Applicable to Guaranteed Limits)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage, Referenced to VSS
4.5 to 5.5
V
Vref
DC Reference Voltage
VAG + 4.0 to VDD + 0.1
V
VAG
Analog Ground
VSS – 0.1 to Vref – 4.0
V
VAI
Analog Input Voltage (See Note)
VAG to Vref
V
Vin, Vout Digital Input Voltage, Output Voltage
VSS to VDD
V
TA
Ambient Operating Temperature
– 40 to 125
°C
NOTE: Analog input voltages greater than Vref convert to full scale. Input voltages less than VAG convert to zero. See Vref and VAG pin
descriptions.
DC ELECTRICAL CHARACTERISTICS
(Voltages Referenced to VSS, Full Temperature and Voltage Ranges per Operation Ranges Table, unless otherwise indicated)
Symbol
Parameter
Test Condition
Guaranteed
Limit
Unit
VIH
Minimum High-Level Input Voltage
(Din, SCLK, CS)
2.0
V
VIL
Maximum Low-Level Input Voltage
(Din, SCLK, CS)
0.8
V
VOH
Minimum High-Level Output Voltage
(Dout, EOC)
Iout = – 1.6 mA
Iout = – 20 µA
2.4
VDD – 0.1
V
VOL
Minimum Low-Level Output Voltage
(Dout, EOC)
Iout = + 1.6 mA
Iout = + 20 µA
0.4
0.1
V
Iin
Maximum Input Leakage Current
(Din, SCLK, CS)
Vin = VSS or VDD
± 2.5
µA
IOZ
Maximum Three-State Leakage Current (Dout)
Vout = VSS or VDD
± 10
µA
IDD
Maximum Power Supply Current
Vin = VSS or VDD, All Outputs Open
2.5
mA
Iref
Maximum Static Analog Reference Current (Vref)
Vref = VDD, VAG = VSS
100
µA
IAl
Maximum Analog Mux Input Leakage Current between all
deselected inputs and any selected input (AN0 – AN4)
VAl = VSS to VDD
± 1
µA
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications
of any voltage higher than maximum rated
voltages to this high-impedance circuit. For
proper operation, Vin and Vout should be
constrained to the range VSS ≤ (Vin or Vout) ≤
VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either
VSS or VDD). Unused outputs must be left
open.


同様の部品番号 - MC145053

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC145053D LANSDALE-MC145053D Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
MC145053D LANSDALE-MC145053D Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
MC145053P LANSDALE-MC145053P Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
MC145053P LANSDALE-MC145053P Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
More results

同様の説明 - MC145053

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com