データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145745 データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC145745
部品情報  V.21/V.23 TELEMETER MODEM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145745 データシート(HTML) 1 Page - Motorola, Inc

  MC145745 Datasheet HTML 1Page - Motorola, Inc MC145745 Datasheet HTML 2Page - Motorola, Inc MC145745 Datasheet HTML 3Page - Motorola, Inc MC145745 Datasheet HTML 4Page - Motorola, Inc MC145745 Datasheet HTML 5Page - Motorola, Inc MC145745 Datasheet HTML 6Page - Motorola, Inc MC145745 Datasheet HTML 7Page - Motorola, Inc MC145745 Datasheet HTML 8Page - Motorola, Inc MC145745 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MC145745
MOTOROLA
1
Product Preview
V.21/V.23 Telemeter Modem
The MC145745 is a selectable modem chip compatible with ITU V.21
(300 baud full duplex asynchronous) and V.23 mode 2 (1200 baud half duplex
asynchronous). The built–in differential line driver has the capability of driving
0 dBm into a 600
Ω load with a 5 V single power supply. This device also
includes a DTMF generator, DTMF receiver, call–progress tone detector,
answer tone generator, and a receive timing control circuit.
Besides having a clock generator with a crystal oscillator connected to it, the
device has a divider circuit to which input of a double frequency clock is possible
from external sources, such as from a microcontroller unit (MCU). The serial
control port (SCP) permits the MCU to access internal registers for exercising
the built–in features.
A low consumption device, the MC145745 integrates various functions in a
small package. This modem IC is best suited for telemeter and other
applications of this type.
• Conforms to ITU V.21 and V.23 Recommendations
• DTMF Generator and Receiver for all 16 Standard Digits
• Capable of Driving 0 dBm into a 600 Ω Load (VCC = 5 V)
• Automatic Gain Control (AGC) Amplifier for the DTMF Receiver
• Call–Progress Tone Detector
• Four–Wire Serial Data Interface (SCP)
• Programmable Transmission and Carrier Detection Levels
• FSK/DTMF Analog Loopback Self–Test Function
• Crystal Oscillator (3.579545 MHz) and Half Divider Circuit (7.159090 MHz)
for External Inputs
• Operates in the Voltage Range of 3.3 – 5.5 V
• Power Down Mode (ICC < 1 µA)
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MC145745/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MC145745
FW SUFFIX
SOIC
CASE 751M
ORDERING INFORMATION
MC145745FW
SOIC
28
1
5
4
3
2
1
10
9
8
7
6
11
12
13
14
20
21
22
23
24
25
26
19
27
28
18
17
16
15
GND
Vref
CDA
TLA
TEST 1
RxD
TxD
CD
CLKO
X1
X2
ECLK
PB0
GND
VCC
RxA
TxA1
TxA2
TEST 2
SCPEN
SCPCLK
SCP Rx
SCP Tx
RESET
PB3
PB2
PB1
VCC
© Motorola, Inc. 1996
REV 0
7/96


同様の部品番号 - MC145745

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145740 MOTOROLA-MC145740 Datasheet
144Kb / 12P
   DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE
More results

同様の説明 - MC145745

メーカー部品番号データシート部品情報
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
OKI electronic componet...
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
   300 bps Full Duplex FSK Modem - ITU-T V.21
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com