データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4617G データシート(PDF) 1 Page - ON Semiconductor

部品番号 2SC4617G
部品情報  NPN Silicon General Purpose Amplifier Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4617G データシート(HTML) 1 Page - ON Semiconductor

  2SC4617G_14 Datasheet HTML 1Page - ON Semiconductor 2SC4617G_14 Datasheet HTML 2Page - ON Semiconductor 2SC4617G_14 Datasheet HTML 3Page - ON Semiconductor 2SC4617G_14 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 6
1
Publication Order Number:
2SC4617/D
2SC4617G, S2SC4617G
NPN Silicon General
Purpose Amplifier
Transistor
This NPN transistor is designed for general purpose amplifier
applications. This device is housed in the SC−75/SOT-416 package
which is designed for low power surface mount applications, where
board space is at a premium.
Features
Reduces Board Space
High hFE, 210−460 (typical)
Low VCE(sat), < 0.5 V
Available in 8 mm, 7 inch/3000 Unit Tape and Reel
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
MAXIMUM RATINGS (TJ = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current − Continuous
IC
100
mAdc
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
125
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
− 55 ~ + 150
°C
1. Device mounted on a FR-4 glass epoxy printed circuit board using the
minimum recommended footprint.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
NPN GENERAL PURPOSE
AMPLIFIER TRANSISTORS
SURFACE MOUNT
http://onsemi.com
SC−75
CASE 463−01
STYLE 1
MARKING DIAGRAM
COLLECTOR
3
1
BASE
2
EMITTER
1
B9
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
B9 M
G
G
Device
Package
Shipping
ORDERING INFORMATION
2SC4617G
SC−75
(Pb−Free)
3,000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
2SC4617T1G
SC−75
(Pb−Free)
3,000/Tape & Reel
S2SC4617G
SC−75
(Pb−Free)
3,000/Tape & Reel


同様の部品番号 - 2SC4617G_14

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
2SC4617G-X-AE3-R UTC-2SC4617G-X-AE3-R Datasheet
257Kb / 5P
   GENERAL PURPOSE TRANSISTOR
2SC4617G-X-AL3-R UTC-2SC4617G-X-AL3-R Datasheet
257Kb / 5P
   GENERAL PURPOSE TRANSISTOR
2SC4617G-X-AN3-R UTC-2SC4617G-X-AN3-R Datasheet
257Kb / 5P
   GENERAL PURPOSE TRANSISTOR
More results

同様の説明 - 2SC4617G_14

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
   General Purpose Amplifier NPN Silicon Transistor
logo
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
logo
Leshan Radio Company
L2SC5658RM3T5G LRC-L2SC5658RM3T5G_15 Datasheet
164Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
logo
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G_14 Datasheet
101Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 5
S2SC4617G ONSEMI-S2SC4617G Datasheet
101Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
November, 2011 ??Rev. 5
2SC4617 ONSEMI-2SC4617 Datasheet
64Kb / 8P
   NPN Silicon General Purpose Amplifier Transistor
November, 2001 ??Rev. 3
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier
logo
Leshan Radio Company
L2SC5658QM3T5G LRC-L2SC5658QM3T5G Datasheet
336Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com