データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCT2G126 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74HCT2G126
部品情報  Dual buffer/line driver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT2G126 データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT2G126 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 9Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 10Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 11Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 12Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 13Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 14Page - NXP Semiconductors 74HCT2G126 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2003 Mar 03
11
Philips Semiconductors
Product specification
Dual buffer/line driver; 3-state
74HC2G126; 74HCT2G126
handbook, full pagewidth
MNA949
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VOL
VOH
VCC
VI
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.6 The 3-state enable and disable times.
For 74HC2G126: VM = 50%; VI = GND to VCC
For 74HCT2G126: VM = 1.3 V; VI = GND to 3.0 V.
handbook, full pagewidth
open
GND
VCC
VCC
VI
VO
MNA232
D.U.T.
CL
RT
RL =
1000
PULSE
GENERATOR
S1
Fig.7 Load circuitry for switching times.
Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance (see “AC characteristics” for values).
RL = Load resistance (see “AC characteristics” for values).
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND


同様の部品番号 - 74HCT2G126

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCT2G126 NXP-74HCT2G126 Datasheet
98Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 04-24 September 2009
74HCT2G126DC NXP-74HCT2G126DC Datasheet
98Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 04-24 September 2009
74HCT2G126DP NXP-74HCT2G126DP Datasheet
98Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 04-24 September 2009
74HCT2G126GD NXP-74HCT2G126GD Datasheet
98Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 04-24 September 2009
More results

同様の説明 - 74HCT2G126

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com