データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIPC400-FXG データシート(PDF) 1 Page - Tumbler Technologies + TRUMPower

部品番号 TIPC400-FXG
部品情報  High Efficiency 400W FlexATX IPC Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRUMPOWER [Tumbler Technologies + TRUMPower]
ホームページ  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TIPC400-FXG データシート(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TIPC400-FXG Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TIPC400-FXG
High Efficiency 400W FlexATX IPC Power Supply
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT SPECIFICATIONS
Input Voltage Range ................... 90-264 VAC
Input Frequency .......................... 47-63Hz
Input Current ............................... 6A rms max. @ 115 VAC
3A rms max. @ 230 VAC
Earth Leakage Current ............... 350µA max. @ 264 VAC, 50Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ................ See rating chart
Load Regulation ......................... See rating chart
Ripple & Noise* .......................... See rating chart
Hold-up Time .............................. 16ms min. @ 115/230VAC
Rise Time .................................... 20ms max. @ 115/230VAC
Over Voltage Protection, +3.3V .. 3.5-4.8V
+5V ..... 5.5-7V
+12V ... 13.4-16V
Over Current Protection, +3.3V .. 50mV p-p
+5V ..... 50mV p-p
+12V ... 120mV p-p
-12V .... 120mV p-p
+5Vsb . 50mV p-p
-5V ...... 100mV p-p
Short Circuit Protection .............. On all outputs, Load of less
.................................................... than 0.1 ohm
Temperature Coefficient ............. ±0.04%/°C max.
* Measured with 20MHz bandwidth at rated line voltage and output load ranges,
with a 10µF tantalum capacitor in parallel with a 0.1µF ceramic disk capacitor
across the output connector.
FEATURES
• Complies with Flex ATX Standard
• Meets 80PLUS Gold Efficiency Level
• Active PFC meets EN 61000-3-2 Standard
• Remote ON/OFF Function
• 5,000 Meters Operating Altitude
• Approved to IEC/EN/UL 60950-1 2nd Edition
GENERAL SPECIFICATIONS
Efficiency ............................ 90% min. @ full load
Operating Altitude .............. 5,000 meters max.
Operating Temperature ...... 0°C to +50°C
Storage Temperature ......... -20°C to +80°C
Relative Humidity ............... 5% to 95% non-condensing
Withstand Voltage .............. 1,800 VAC, input-ground
MTBF ................................. 150K hours mininum at full load &
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EMI/EMC ............................ FCC & CISPR 22, Class B conducted
FCC & EN 55022, Class B radiated
Safety Standards ............... UL/IEC/EN 60950-1 2nd Edition
Agency Approvals .............. UL, cUL, TUV, CB, CE, CCC
Other Compliance .............. 80PLUS, RoHS, EuP Lot 6:2013
T
R
A
H
C
G
N
I
T
A
R
T
N
E
R
R
U
C
&
E
G
A
T
L
O
V
T
U
P
T
U
O
t
u
t
p
u
O
e
g
a
t
l
o
V
m
u
m
i
n
i
M
d
a
o
L
m
u
m
i
x
a
M
*
d
a
o
L
d
a
o
L
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
V P
-
P
.
x
a
M
V
3
.
3
+A
3
.
0A
6
1%
5
±V
m
0
5
V
5
+A
3
.
0A
6
1%
5
±V
m
0
5
V
2
1
+
1
A
5
.
0A
8
1%
5
±V
m
0
2
1
V
2
1
+
2
A
5
.
0A
8
1%
5
±V
m
0
2
1
V
2
1
-A
0A
5
.
0%
0
1
±V
m
0
2
1
b
s
V
5
+A
0A
3%
5
±V
m
0
5
V
5
-
*A
0A
2
.
0%
0
1
±V
m
0
0
1
.
m
u
m
i
x
a
m
W
0
0
4
s
i
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
o
e
h
T
*
.
m
u
m
i
x
a
m
W
0
2
1
s
i
V
5
+
&
V
3
.
3
+
r
o
f
r
e
w
o
p
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
.
l
a
n
o
i
t
p
o
s
i
t
u
p
t
u
o
V
5
-
*
TIPC400-FXG_2016-08-05
MECHANICAL SPECIFICATIONS
Notes:
1. Dimensions in mm.
2. Customized cable set available upon request.


同様の部品番号 - TIPC400-FXG

メーカー部品番号データシート部品情報
logo
Tumbler Technologies + ...
TIPC400-FX TRUMPOWER-TIPC400-FX Datasheet
150Kb / 1P
   400W FlexATX IPC Power Supply
More results

同様の説明 - TIPC400-FXG

メーカー部品番号データシート部品情報
logo
Tumbler Technologies + ...
TIPC400-FX TRUMPOWER-TIPC400-FX Datasheet
150Kb / 1P
   400W FlexATX IPC Power Supply
TIPC300-FXG TRUMPOWER-TIPC300-FXG Datasheet
176Kb / 1P
   300W High Efficiency FlexATX IPC Power Supply
TIPC350-FXG TRUMPOWER-TIPC350-FXG Datasheet
147Kb / 1P
   High Efficiency 350W FlexATX IPC Power Supply
TIPC300-FXB TRUMPOWER-TIPC300-FXB Datasheet
176Kb / 1P
   300W FlexATX IPC Power Supply
TIPC350-FX TRUMPOWER-TIPC350-FX Datasheet
138Kb / 1P
   350W FlexATX IPC Power Supply
TIPC180-FXS TRUMPOWER-TIPC180-FXS Datasheet
171Kb / 1P
   180W FlexATX IPC Power Supply
TIPC150-FXS TRUMPOWER-TIPC150-FXS Datasheet
171Kb / 1P
   150W FlexATX IPC Power Supply
TIPC220-FXS TRUMPOWER-TIPC220-FXS Datasheet
171Kb / 1P
   220W FlexATX IPC Power Supply
TIPC250-FXG TRUMPOWER-TIPC250-FXG Datasheet
176Kb / 1P
   250W FlexATX IPC Power Supply
TIPC400B TRUMPOWER-TIPC400B Datasheet
297Kb / 1P
   400W PS/2 ATX IPC Power Supply
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com