データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0661 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-0661
部品情報  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0661 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-0661 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Recommended Operation Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
Each Channel
I
FL*
0
250
µA
Input Current, High Level
Each Channel
I
FH
515
mA
Supply Voltage, Output
V
CC
4.5
5.5
V
Fan Out (@ R
L = 1 kΩ)
Each Channel
N
5
TTL Loads
Output Pull-up Resistor
R
L
330
4 k
Operating Temperature
T
A
-40
85
°C
*The off condition can also be guaranteed by ensuring that V
FL ≤ 0.8 volts.
Absolute Maximum Ratings
(No Derating Required up to 85
°C)
Storage Temperature ................................................. -55
°C to +125°C
Operating Temperature ............................................... -40
°C to +85°C
Lead Solder Temperature (8 Pin DIP) .......................... 260
°C for 10 s
(1.6 mm below seating plane)
Average Forward Input Current
(each channel, See note 2) ...................................................... 15 mA
Reverse Input Voltage (each channel) .......................................... 5 V
Supply Voltage – V
CC
(1 Minute Maximum) ................................ 7 V
Output Collector Current – I
O (each channel) .......................... 50 mA
Output Collector Voltage – V
O (each channel)** ........................... 7 V
Output Collector Power Dissipation (each channel) ........... 60 mW[17]
Infrared and Vapor Phase Reflow
Temperature (SOIC-8 & Option #300) ............ See Thermal Profile
**Selection for higher output voltages up to 20 V is available.
Maximum Solder Reflow Thermal Profile. (Note: Use of non-chlorine activated fluxes is highly recommended.)
Thermal Profile
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456
7
8
9
10
11
12


同様の部品番号 - HCPL-0661

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-0661 HP-HCPL-0661 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0661 HP-HCPL-0661 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-0661 HP-HCPL-0661 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0661 AVAGO-HCPL-0661 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0661 AVAGO-HCPL-0661 Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results

同様の説明 - HCPL-0661

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com