データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-0661 データシート(PDF) 9 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-0661
部品情報  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0661 データシート(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0661 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Propagation Delay,
Pulse-Width Distortion
and Propagation Delay
Skew
Propagation delay is a figure of
merit which describes how
quickly a logic signal propagates
through a system. The propaga-
tion delay from low to high
(tPLH) is the amount of time
required for an input signal to
propagate to the output, causing
the output to change from low to
high. Similarly, the propagation
delay from high to low (tPHL) is
the amount of time required for
the input signal to propagate to
the output, causing the output
to change from high to low (see
Figure 7).
Pulse-width distortion (PWD)
results when tPLH and tPHL differ
in value. PWD is defined as the
difference between tPLH and tPHL
and often determines the
maximum data rate capability
of a transmission system. PWD
can be expressed in percent by
dividing the PWD (in ns) by the
minimum pulse width (in ns)
being transmitted. Typically,
PWD on the order of 20-30% of
the minimum pulse width is
tolerable; the exact figure
depends on the particular appli-
cation (RS232, RS422, T-1, etc.).
Propagation delay skew, tPSK, is
an important parameter to
consider in parallel data appli-
cations where synchronization
of signals on parallel data lines
is a concern. If the parallel data
is being sent through a group of
optocouplers, differences in
propagation delays will cause
the data to arrive at the outputs
of the optocouplers at different
times. If this difference in
propagation delays is large
enough, it will determine the
maximum rate at which parallel
data can be sent through the
optocouplers.
Propagation delay skew is
defined as the difference
between the minimum and
maximum propagation delays,
either tPLH or tPHL, for any given
V
= 5.0 V
V
= 0.6 V
O
CC
6
3
-60
-20
20
60
100
T – TEMPERATURE –
°C
A
2
80
40
0
-40
0
R = 350 K
L
1
4
5
R = 1 K
L
R = 4 K
L
Insulation Related Specifications
DIP
SOIC-8
Parameter
Symbol
Value
Value
Units
Conditions
Min. External Air Gap
L(IO1)
≥7
≥4
mm
Measured from input terminals
(Clearance)
to output terminals
Min. External Tracking
L(IO2)
≥7
≥4
mm
Measured from input terminals
Path (Creepage)
to output tminals
Min. Internal Plastic
0.08
0.08
mm
Through insulation distance
Gap (Clearance)
conductor to conductor
Tracking Resistance
CTI
200
200
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material group (DIN VDE 0110)
(per DIN VDE 0110)
Figure 15. Input Threshold Current
vs. Temperature.
Figure 16. Recommended Printed Circuit Board Layout.
GND BUS (BACK)
V
BUS
(FRONT)
CC
OUTPUT 1
OUTPUT 2
0.1
µF
10 mm MAX (SEE NOTE 1)


同様の部品番号 - HCPL-0661

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-0661 HP-HCPL-0661 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0661 HP-HCPL-0661 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-0661 HP-HCPL-0661 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0661 AVAGO-HCPL-0661 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0661 AVAGO-HCPL-0661 Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results

同様の説明 - HCPL-0661

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com