データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS-BGA724A-05 データシート(PDF) 1 Page - Ironwood Electronics.

部品番号 LS-BGA724A-05
部品情報  Primary dimension units are millimeters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRONWOOD [Ironwood Electronics.]
ホームページ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA724A-05 データシート(HTML) 1 Page - Ironwood Electronics.

  LS-BGA724A-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.588
2.4130
0.20 typ
FRONT VIEW
1
3
42.725
18.8625
33.00
33.00
1.00
typ
16.3225
13.7825
37.725
2.7375
2.363
2.50
2.50
0.85 (x2)
TOP VIEW
2
PROPRIETARY AND CONFIDENTIAL - THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF IRONWOOD ELECTRONICS, INC. ANY REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF IRONWOOD ELECTRONICS, INC. IS PROHIBITED.
*Note: BGA pattern is not symmetrical
with respect to the mounting holes. It is
shifted 0.375 to the right of center.
ITEM NO.
DESCRIPTION
QTY.
1
Thru Hole Adaptor Board
1
2
#0-80 internal Thread brass insert,
Press fit
8
3
0.8mm pitch terminal pin
736
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: LS-BGA724A-05
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 01/02/2015
Material: N/A
Finish: N/A
Weight: 10.66
LS-BGA724A-05 Drawing
SCALE: 2:1
SHEET: 1 OF 1
ENG: J. Vavra
FILE: LS-BGA724A-05 Dwg
DRAWN BY: M. Raske


同様の部品番号 - LS-BGA724A-05

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
LS-BGA729A-31 IRONWOOD-LS-BGA729A-31 Datasheet
51Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA72B-31 IRONWOOD-LS-BGA72B-31 Datasheet
19Kb / 1P
   Materials and specifications are subject to change without notice
More results

同様の説明 - LS-BGA724A-05

メーカー部品番号データシート部品情報
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com