データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK61E0M-SIAR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK61E0M-SIAR
部品情報  Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E0M-SIAR データシート(HTML) 4 Page - Texas Instruments

  LMK61E0M-SIAR Datasheet HTML 1Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 2Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 3Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 4Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 5Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 6Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 7Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 8Page - Texas Instruments LMK61E0M-SIAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4
LMK61E0M
SNAS692 – JANUARY 2017
www.ti.com
Product Folder Links: LMK61E0M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Device Supply Voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
–40
25
85
°C
TJ
Junction Temperature
120
°C
tRAMP
VDD Power-Up Ramp Time
0.1
100
ms
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal resistance is calculated on a 4 layer JEDEC board.
(3)
Connected to GND with 3 thermal vias (0.3-mm diameter).
(4)
ψJB (junction to board) is used when the main heat flow is from the junction to the GND pad. Please refer to Thermal Considerations
section for more information on ensuring good system reliability and quality.
6.4 Thermal Information
THERMAL METRIC(1)
LMK61E0 (2) (3) (4)
UNIT
QFM (SIA)
8 PINS
Airflow (LFM) 0
Airflow (LFM) 200
Airflow (LFM) 400
RθJA
Junction-to-ambient thermal resistance
54
44
41.2
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
34
n/a
n/a
RθJB
Junction-to-board thermal resistance
36.7
n/a
n/a
ψJT
Junction-to-top characterization parameter
11.2
16.9
21.9
ψJB
Junction-to-board characterization parameter
36.7
37.8
38.9
RθJC(bot) Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
(1)
Refer to Parameter Measurement Information for relevant test conditions.
6.5 Electrical Characteristics - Power Supply
(1)
VDD = 3.3 V ± 5%, TA = –40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Device Current Consumption
LVCMOS
140
180
mA
IDD-PD
Device Current Consumption
when output is disabled
OE = GND
120
(1)
Refer to Parameter Measurement Information for relevant test conditions.
6.6 3.3-V LVCMOS Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C, outputs loaded with 2 pF to GND
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output Frequency
Fast mode, R22[7:6] = 0x0
50
200
MHz
VOH
Output High Voltage
IOH = 1 mA
2.5
V
VOL
Output Low Voltage
IOL = 1 mA
0.6
V
IOH
Output High Current
-33
mA
IOL
Output Low Current
33
mA


同様の部品番号 - LMK61E0M-SIAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M00 TI1-LMK61E0-050M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

同様の説明 - LMK61E0M-SIAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E2 TI1-LMK61E2_16 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator with Internal EEPROM
LMK61E07 TI1-LMK61E07 Datasheet
1Mb / 52P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E08 TI-LMK61E08 Datasheet
1Mb / 54P
[Old version datasheet]   LMK61E08 Ultra-Low Jitter Programmable Oscillator With Internal EEPROM
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra-Low Jitter Programmable Oscillator
logo
Micrel Semiconductor
MX852BB0030 MICREL-MX852BB0030 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
MX852EB0027 MICREL-MX852EB0027 Datasheet
1Mb / 11P
   Ultra-Low Jitter XTAL Oscillator with Fanout
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Micrel Semiconductor
DSC8101 MICREL-DSC8101 Datasheet
682Kb / 6P
   Programmable Low-Jitter Precision CMOS Oscillator
DSC8102 MICREL-DSC8102 Datasheet
605Kb / 6P
   Programmable Low-Jitter Precision LVPECL Oscillator
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
   Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com