データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD622 データシート(PDF) 7 Page - Analog Devices

部品番号 AD622
部品情報  Low Cost Instrumentation Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD622 データシート(HTML) 7 Page - Analog Devices

Back Button AD622_16 Datasheet HTML 3Page - Analog Devices AD622_16 Datasheet HTML 4Page - Analog Devices AD622_16 Datasheet HTML 5Page - Analog Devices AD622_16 Datasheet HTML 6Page - Analog Devices AD622_16 Datasheet HTML 7Page - Analog Devices AD622_16 Datasheet HTML 8Page - Analog Devices AD622_16 Datasheet HTML 9Page - Analog Devices AD622_16 Datasheet HTML 10Page - Analog Devices AD622_16 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD622
Data Sheet
Rev. E | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±15 V, RL = 2 kΩ, unless otherwise noted.
50
40
30
20
10
0
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
OUTPUT OFFSET VOLTAGE (mV)
SAMPLE SIZE = 191
Figure 2. Typical Distribution of Output Offset Voltage
50
40
30
20
10
0
60
80
100
120
140
COMMON-MODE REJECTION RATIO (dB)
SAMPLE SIZE = 383
Figure 3. Typical Distribution of Common-Mode Rejection
2.0
1.5
1.0
0.5
0
0
5
4
3
2
1
WARM-UP TIME (Minutes)
Figure 4. Change in Input Offset Voltage vs. Warm-Up Time
1000
100
10
1
1
100k
10k
1k
100
10
FREQUENCY (Hz)
GAIN = 1
GAIN = 1000
BW LIMIT
GAIN = 10
GAIN = 100, 1000
Figure 5. Voltage Noise Spectral Density vs. Frequency (G = 1 to 1000)
1000
100
10
1
1000
100
10
FREQUENCY (Hz)
Figure 6. Current Noise Spectral Density vs. Frequency
140
120
100
80
60
40
20
0
0.1
1M
100k
10k
1k
100
10
1
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 1
Figure 7. CMR vs. Frequency, RTI, 0 kΩ to 1 kΩ Source Imbalance


同様の部品番号 - AD622_16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD622 AD-AD622_1 Datasheet
395Kb / 16P
   Low Cost Instrumentation Amplifier
REV. D
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
More results

同様の説明 - AD622_16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD622 AD-AD622_1 Datasheet
395Kb / 16P
   Low Cost Instrumentation Amplifier
REV. D
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD620 AD-AD620_04 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_05 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_16 Datasheet
483Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com