データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD624 データシート(PDF) 6 Page - Analog Devices

部品番号 AD624
部品情報  Precision Instrumentation Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD624 データシート(HTML) 6 Page - Analog Devices

Back Button AD624_16 Datasheet HTML 2Page - Analog Devices AD624_16 Datasheet HTML 3Page - Analog Devices AD624_16 Datasheet HTML 4Page - Analog Devices AD624_16 Datasheet HTML 5Page - Analog Devices AD624_16 Datasheet HTML 6Page - Analog Devices AD624_16 Datasheet HTML 7Page - Analog Devices AD624_16 Datasheet HTML 8Page - Analog Devices AD624_16 Datasheet HTML 9Page - Analog Devices AD624_16 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
REV. C
AD624
–5–
0
1
10
10M
1M
100k
10k
1k
100
FREQUENCY – Hz
–100
–80
–60
–40
–120
–140
–20
G = 500
G = 1
G = 100
Figure 10. CMRR vs. Frequency RTI,
Zero to 1k Source Imbalance
160
0
100k
40
20
10
80
60
100
120
140
10k
1k
100
FREQUENCY – Hz
G = 500
G = 100
G = 1
–VS = –15V dc+
1V p-p SINEWAVE
Figure 13. Negative PSRR vs.
Frequency
Figure 16. Low Frequency Voltage
Noise, G = 1 (System Gain = 1000)
30
20
0
10
FREQUENCY – Hz
10k
1k
100k
1M
G = 1, 100
G = 500
G = 100
G = 1000
BANDWIDTH LIMITED
-
Figure 11. Large Signal Frequency
Response
0.1
100
1
10
1000
100k
10
1
10k
1k
100
FREQUENCY – Hz
G = 1
G = 10
G = 100, 1000
G = 1000
Figure 14. RTI Noise Spectral
Density vs. Gain
Figure 17. Low Frequency Voltage
Noise, G = 1000 (System Gain =
100,000)
160
0
100k
40
20
10
80
60
100
120
140
10k
1k
100
FREQUENCY – Hz
G = 500
G = 100
G = 1
–VS = –15V dc+
1V p-p SINEWAVE
Figure 12. Positive PSRR vs.
Frequency
10
10k
100
1000
100k
100k
1
0.1
10k
100
10
FREQUENCY – Hz
Figure 15. Input Current Noise
20
8 TO –8
12 TO –12
0
OUTPUT
STEP –V
4 TO –4
–4 TO 4
–8 TO 8
–12 TO 12
15
10
5
SETTLING TIME –
s
1%
1%
0.1%
0.01%
0.1%
0.01%
Figure 18. Settling Time, Gain = 1


同様の部品番号 - AD624_16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD624 AD-AD624_15 Datasheet
604Kb / 17P
   Precision Instrumentation Amplifier
REV. C
More results

同様の説明 - AD624_16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com