データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD627ARZ データシート(PDF) 10 Page - Analog Devices

部品番号 AD627ARZ
部品情報  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD627ARZ データシート(HTML) 10 Page - Analog Devices

Back Button AD627ARZ Datasheet HTML 6Page - Analog Devices AD627ARZ Datasheet HTML 7Page - Analog Devices AD627ARZ Datasheet HTML 8Page - Analog Devices AD627ARZ Datasheet HTML 9Page - Analog Devices AD627ARZ Datasheet HTML 10Page - Analog Devices AD627ARZ Datasheet HTML 11Page - Analog Devices AD627ARZ Datasheet HTML 12Page - Analog Devices AD627ARZ Datasheet HTML 13Page - Analog Devices AD627ARZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD627
Rev. E | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
At 25°C, VS = ±5 V, RL = 20 kΩ, unless otherwise noted.
FREQUENCY (Hz)
100
1
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
GAIN = +1000
GAIN = +5
GAIN = +100
Figure 5. Voltage Noise Spectral Density vs. Frequency
FREQUENCY (Hz)
100
1
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
Figure 6. Current Noise Spectral Density vs. Frequency
COMMON-MODE INPUT (V)
–3.2
–2.0
–15
15
–10
–5
0
5
10
–3.0
–2.8
–2.6
–2.4
–2.2
Figure 7. Input Bias Current vs. CMV, VS = ±15 V
TEMPERATURE (°C)
–5.5
–3.5
–1.5
–60
140
–40
–20
0
20
40
60
80
100
120
–5.0
–4.5
–2.5
–2.0
–4.0
–3.0
VS = ±15V
VS = ±5V
VS = +5V
Figure 8. Input Bias Current vs. Temperature
TOTAL POWER SUPPLY VOLTAGE (V)
65.5
59.5
0
40
5
10
15
20
25
30
35
64.5
63.5
62.5
61.5
60.5
Figure 9. Supply Current vs. Supply Voltage
OUTPUT CURRENT (mA)
0
(V+) –1
(V+) –2
(V+) –3
(V–) +2
(V–) +1
V–
5
10
15
20
25
SOURCING
VS = ±15V
SINKING
VS = ±1.5V
VS = ±1.5V
VS = ±2.5V
VS = ±2.5V
VS = ±5V
VS = ±5V
VS = ±15V
V+
Figure 10. Output Voltage Swing vs. Output Current


同様の部品番号 - AD627ARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD627ARZ AD-AD627ARZ Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AD627ARZ-R7 AD-AD627ARZ-R7 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AD627ARZ-RL AD-AD627ARZ-RL Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
More results

同様の説明 - AD627ARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Analog Devices
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com