データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8290ACPZ-RL1 データシート(PDF) 10 Page - Analog Devices

部品番号 AD8290ACPZ-RL1
部品情報  G = 50, CMOS Sensor Amplifier with Current Excitation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-RL1 データシート(HTML) 10 Page - Analog Devices

Back Button AD8290ACPZ-RL1 Datasheet HTML 6Page - Analog Devices AD8290ACPZ-RL1 Datasheet HTML 7Page - Analog Devices AD8290ACPZ-RL1 Datasheet HTML 8Page - Analog Devices AD8290ACPZ-RL1 Datasheet HTML 9Page - Analog Devices AD8290ACPZ-RL1 Datasheet HTML 10Page - Analog Devices AD8290ACPZ-RL1 Datasheet HTML 11Page - Analog Devices AD8290ACPZ-RL1 Datasheet HTML 12Page - Analog Devices AD8290ACPZ-RL1 Datasheet HTML 13Page - Analog Devices AD8290ACPZ-RL1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD8290
Rev. B | Page 9 of 20
0
5
10
15
20
25
30
35
40
NONLINEARITY (%)
0.0030
0.0035
0.0040
0.0045
0.0050
0.0055
0.0060
0.0065
0.0070
Figure 15. Percent Nonlinearity at 2.6 V Supply
5
10
15
20
25
30
NONLINEARITY (%)
0.0030
0.0035
0.0040
0.0045
0.0050
0.0055
0.0060
0.0065
0.0070
0
35
Figure 16. Percent Nonlinearity at 3.6 V Supply
0
5
10
15
20
25
30
35
40
45
0.0030
0.0045
0.0060
0.0075
0.0090
0.0105
0.0120
0.0135
0.0150
NONLINEARITY (%)
Figure 17. Percent Nonlinearity at 5.0 V Supply
DRIFT (µV/°C)
0
10
20
30
40
50
–35
–15
5
2545
6585
105
125
Figure 18. Output Offset Voltage Drift from −40°C to +85°C at 2.6 V Supply
DRIFT (µV/°C)
0
10
20
30
40
50
–35
–15
5
2545
6585
105
125
Figure 19. Output Offset Voltage Drift from −40°C to +85°C at 3.6 V Supply
DRIFT (µV/°C)
0
10
20
30
40
50
–35
–15
5
2545
6585
105
125
Figure 20. Output Offset Voltage Drift from −40°C to +85°C at 5.0 V Supply


同様の部品番号 - AD8290ACPZ-RL1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8290ACPZ-RL AD-AD8290ACPZ-RL Datasheet
541Kb / 20P
   G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
More results

同様の説明 - AD8290ACPZ-RL1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8290 AD-AD8290 Datasheet
541Kb / 20P
   G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
logo
Texas Instruments
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Omron Electronics LLC
ZX1 OMRON-ZX1 Datasheet
1Mb / 10P
   CMOS Laser Sensor with Built-in Amplifier
logo
New Japan Radio
NJU7870Z2 NJRC-NJU7870Z2 Datasheet
1Mb / 23P
   Amplifier for resolver excitation
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com