データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8422 データシート(PDF) 5 Page - Analog Devices

部品番号 AD8422
部品情報  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8422 データシート(HTML) 5 Page - Analog Devices

  AD8422_16 Datasheet HTML 1Page - Analog Devices AD8422_16 Datasheet HTML 2Page - Analog Devices AD8422_16 Datasheet HTML 3Page - Analog Devices AD8422_16 Datasheet HTML 4Page - Analog Devices AD8422_16 Datasheet HTML 5Page - Analog Devices AD8422_16 Datasheet HTML 6Page - Analog Devices AD8422_16 Datasheet HTML 7Page - Analog Devices AD8422_16 Datasheet HTML 8Page - Analog Devices AD8422_16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD8422
Data Sheet
Parameter
Test Conditions/
Comments
AD8422ARZ
AD8422BRZ
Unit
Min
Typ
Max
Min
Typ
Max
REFERENCE INPUT
RIN
20
20
kΩ
IIN
VIN+, VIN−, VREF = 0 V
35
50
35
50
µA
Voltage Range
–VS
+VS
–VS
+VS
V
Gain to Output
1
1
V/V
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
2200
2200
kHz
G = 10
850
850
kHz
G = 100
120
120
kHz
G = 1000
12
12
kHz
Settling Time 0.01%
10 V step
G = 1
13
13
µs
G = 10
13
13
µs
G = 100
12
12
µs
G = 1000
80
80
µs
Settling Time 0.001%
10 V step
G = 1
15
15
µs
G = 10
15
15
µs
G = 100
15
15
µs
G = 1000
160
160
µs
Slew Rate
G = 1 to 100
0.8
0.8
V/µs
GAIN3
G = 1 + (19.8 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
VOUT ± 10 V
G = 1
0.03
0.01
%
G = 10
0.2
0.04
%
G = 100
0.2
0.04
%
G = 1000
0.2
0.04
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1
RL = 2 kΩ
0.5
5
0.5
5
ppm
G = 10
2
5
2
5
ppm
G = 100
4
10
4
10
ppm
G = 1000
10
20
10
20
ppm
Gain vs. Temperature
G = 1
5
1
ppm/°C
G > 1
−80
–80
ppm/°C
INPUT
Input Impedance
Differential
200||2
200||2
GΩ||pF
Common Mode
200||2
200||2
GΩ||pF
Input Operating Voltage Range4
VS = ±2.3 V to ±18 V
−VS + 1.2
+VS − 1.2
–VS + 1.2
+VS − 1.2
V
Over Temperature
T = −40°C to +85°C
−VS + 1.2
+VS − 1.3
–VS + 1.2
+VS − 1.3
V
OUTPUT
Output Swing, RL = 10 kΩ
VS = ±15 V
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
V
Over Temperature
T = −40°C to +85°C
−VS + 0.25
+VS − 0.25
−VS + 0.25
+VS − 0.25
V
Output Swing, RL = 10 kΩ
VS = ±2.3 V
−VS + 0.12
+VS − 0.12
−VS + 0.12
+VS − 0.12
V
Over Temperature
T = −40°C to +85°C
−VS + 0.13
+VS − 0.13
−VS + 0.13
+VS − 0.13
V
Output Swing, RL = 2 kΩ
VS = ±15 V
−VS + 0.25
+VS − 0.25
−VS + 0.25
+VS − 0.25
V
Over Temperature5
T = −40°C to +85°C
−VS + 0.3
+VS – 1.4
−VS + 0.3
+VS – 1.4
V
Output Swing, RL = 2 kΩ
VS = ±2.3 V
−VS + 0.16
+VS − 0.16
−VS + 0.16
+VS − 0.16
V
Over Temperature
T = −40°C to +85°C
−VS + 0.2
+VS − 0.2
−VS + 0.2
+VS − 0.2
V
Short-Circuit Current
20
20
mA
Rev. A | Page 4 of 24


同様の部品番号 - AD8422_16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8422 AD-AD8422_17 Datasheet
676Kb / 25P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
More results

同様の説明 - AD8422_16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8422 AD-AD8422 Datasheet
697Kb / 24P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. 0
AD8422 AD-AD8422_V01 Datasheet
653Kb / 27P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. B
AD8422 AD-AD8422_17 Datasheet
676Kb / 25P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com