データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8421BRZ-RL データシート(PDF) 5 Page - Analog Devices

部品番号 AD8421BRZ-RL
部品情報  3 nV/?숰z, Low Power Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8421BRZ-RL データシート(HTML) 5 Page - Analog Devices

  AD8421BRZ-RL Datasheet HTML 1Page - Analog Devices AD8421BRZ-RL Datasheet HTML 2Page - Analog Devices AD8421BRZ-RL Datasheet HTML 3Page - Analog Devices AD8421BRZ-RL Datasheet HTML 4Page - Analog Devices AD8421BRZ-RL Datasheet HTML 5Page - Analog Devices AD8421BRZ-RL Datasheet HTML 6Page - Analog Devices AD8421BRZ-RL Datasheet HTML 7Page - Analog Devices AD8421BRZ-RL Datasheet HTML 8Page - Analog Devices AD8421BRZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD8421
Data Sheet
Rev. 0 | Page 4 of 28
AR Grade
BR Grade
Parameter
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal Bandwidth
−3 dB
G = 1
10
10
MHz
G = 10
10
10
MHz
G = 100
2
2
MHz
G = 1000
0.2
0.2
MHz
Settling Time to 0.01%
10 V step
G = 1
0.7
0.7
μs
G = 10
0.4
0.4
μs
G = 100
0.6
0.6
μs
G = 1000
5
5
μs
Settling Time to 0.001%
10 V step
G = 1
1
1
μs
G = 10
0.6
0.6
μs
G = 100
0.8
0.8
μs
G = 1000
6
6
μs
Slew Rate
G = 1 to 100
35
35
V/μs
GAIN3
G = 1 + (9.9 kΩ/RG)
Gain Range
1
10,000
1
10,000
V/V
Gain Error
VOUT = ±10 V
G = 1
0.02
0.01
%
G = 10 to 1000
0.2
0.1
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1
RL ≥ 2 kΩ
1
1
ppm
RL = 600 Ω
1
3
1
3
ppm
G = 10 to 1000
RL ≥ 600 Ω
30
50
30
50
ppm
VOUT = −5 V to +5 V
5
10
5
10
ppm
Gain vs. Temperature3
G = 1
5
0.1
1
ppm/°C
G > 1
−50
−50
ppm/°C
INPUT
Input Impedance
Differential
30||3
30||3
GΩ||pF
Common Mode
30||3
30||3
GΩ||pF
Input Operating Voltage Range4
VS = ±2.5 V to ±18 V
−VS + 2.3
+VS − 1.8
−VS + 2.3
+VS − 1.8
V
Over Temperature
TA = −40°C
−VS + 2.5
+VS − 2.0
−VS + 2.5
+VS − 2.0
V
TA = +85°C
−VS + 2.1
+VS − 1.8
−VS + 2.1
+VS − 1.8
V
OUTPUT
RL = 2 kΩ
Output Swing
VS = ±2.5 V to ±18 V
−VS + 1.2
+Vs − 1.6
−VS + 1.2
+VS − 1.6
V
Over Temperature
TA = −40°C to +85°C
−VS + 1.2
+Vs − 1.6
−VS + 1.2
+VS − 1.6
V
Short-Circuit Current
65
65
mA
REFERENCE INPUT
RIN
20
20
IIN
VIN+, VIN− = 0 V
20
24
20
24
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Reference Gain to Output
1 ±
0.0001
1 ±
0.0001
V/V


同様の部品番号 - AD8421BRZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8421BRZ-RL AD-AD8421BRZ-RL Datasheet
672Kb / 28P
   3 nV/?숰z, Low Power
REV. 0
More results

同様の説明 - AD8421BRZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
   1 nV/?숰z Low Noise Instrumentation Amplifier
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
   1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
AD8421 AD-AD8421 Datasheet
672Kb / 28P
   3 nV/?숰z, Low Power
REV. 0
logo
Texas Instruments
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 36P
[Old version datasheet]   35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA849 TI-INA849_V02 Datasheet
3Mb / 36P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V01 Datasheet
3Mb / 36P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com