データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAL73 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 CAL73
部品情報  RS-232 Interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

CAL73 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  CAL73 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet
Sound Level Meters & Calibrator
Models 732A, 735, and CAL73
Technical data subject to change
© B&K Precision Corp. 2016
v051016
www.bkprecision.com
Sound Level Meters
Whether you are testing for OSHA compliance,
quieting equipment, or monitoring the roar of a
stadium crowd, B&K Precision’s sound level
meters can get the job done. The model 732A
and 735 provide 30~130 dB capability in three
convenient measurement ranges Low, Med,
and Hi with an accuracy of ±1.5 dB. The meter
meets the IEC 651 Type II and includes frequency
weighting A & C, and fast and slow time
weighting. Two auxiliary ports provide either AC
output, 1 Vrms full scale, or DC output, 10 mV/
dB. With the model 732A and 735, B&K Precision
can meet all your sound testing needs.
Common Features (732A & 735)
n
RS-232 Interface
n
Bargraph
n
MAX/MIN function
n
Auto Ranging (30 ~ 130 dB)
n
Resolution 0.1 dB
n
Level Range Display
n
AC/DC Signal Output
n
Auto Power Off
n
Backlit LCD
Features (735 only)
n
Windows Software Included
n
Clock Display
n
32,000 Records Data Logger
Standard Acoustic Calibrator
The CAL73 sound level calibrator is used to
calibrate sound level meters and other sound
measurement equipment. You can calibrate
1 inch diameter microphones directly and
1/2 inch microphones using 1/2 inch adapter
supplied with the calibrator.
Features
n
Conforms to IEC 60942 (2003) Class 2,
ANSI SI.40-1984
n
94 dB and 114 dB Sound calibrator at 1 kHz
n
Accurate and simple to use
n
Fits 1 inch and ½ inch microphones
Back light function
RS-232 Interface
RS-232 Software for
Windows® 95/98 2000/XP
included with model 735
732A
735


同様の部品番号 - CAL73

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CAL7 MACOM-CAL7 Datasheet
422Kb / 2P
   Cascadable Amplifier 50 to 500 MHz
logo
M/A-COM Technology Solu...
CAL7 MA-COM-CAL7 Datasheet
1Mb / 3P
   Cascadable Amplifier 50 to 500 MHz
CAL7 MA-COM-CAL7 Datasheet
688Kb / 4P
   Cascadable Amplifier
More results

同様の説明 - CAL73

メーカー部品番号データシート部品情報
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
   TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
WAGO Kontakttechnik Gmb...
753-652 WAGO-753-652 Datasheet
610Kb / 12P
   RS-232/485 Serial Interface
logo
Pepperl+Fuchs Inc.
HM-MT-RS232-010001 PF-HM-MT-RS232-010001 Datasheet
398Kb / 2P
   Viator RS-232 HART Interface
logo
WAGO Kontakttechnik Gmb...
750-650-003-000 WAGO-750-650-003-000 Datasheet
544Kb / 12P
   RS-232 C Serial Interface; Adjustable
750-652-040-000 WAGO-750-652-040-000 Datasheet
618Kb / 12P
   RS-232/485 Serial Interface; Extreme
753-650-003-000 WAGO-753-650-003-000 Datasheet
539Kb / 11P
   RS-232 C Serial Interface; Adjustable
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
WAGO Kontakttechnik Gmb...
750-652-025-000 WAGO-750-652-025-000 Datasheet
579Kb / 12P
   RS-232/485 Serial Interface; Ext. Temperature
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com