データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14068BD データシート(PDF) 9 Page - Motorola, Inc

部品番号 MC14068BD
部品情報  B-Suffix Series CMOS Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14068BD データシート(HTML) 9 Page - Motorola, Inc

Back Button MC14068BD Datasheet HTML 3Page - Motorola, Inc MC14068BD Datasheet HTML 4Page - Motorola, Inc MC14068BD Datasheet HTML 5Page - Motorola, Inc MC14068BD Datasheet HTML 6Page - Motorola, Inc MC14068BD Datasheet HTML 7Page - Motorola, Inc MC14068BD Datasheet HTML 8Page - Motorola, Inc MC14068BD Datasheet HTML 9Page - Motorola, Inc MC14068BD Datasheet HTML 10Page - Motorola, Inc MC14068BD Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MOTOROLA CMOS LOGIC DATA
15
MC14001B
TYPICAL B–SERIES GATE CHARACTERISTICS (cont’d)
VOLTAGE TRANSFER CHARACTERISTICS
Figure 8. VDD = 5.0 Vdc
Figure 9. VDD = 10 Vdc
1.0
3.0
5.0
4.0
2.0
0
1.0
3.0
5.0
4.0
2.0
0
0
0
Vin, INPUT VOLTAGE (Vdc)
SINGLE INPUT NAND, AND
MULTIPLE INPUT NOR, OR
SINGLE INPUT NOR, OR
MULTIPLE INPUT NAND, AND
SINGLE INPUT NAND, AND
MULTIPLE INPUT NOR, OR
SINGLE INPUT NOR, OR
MULTIPLE INPUT NAND, AND
2.0
6.0
10
8.0
4.0
2.0
6.0
10
8.0
4.0
Vin, INPUT VOLTAGE (Vdc)
Figure 10. VDD = 15 Vdc
0
0
SINGLE INPUT NAND, AND
MULTIPLE INPUT NOR, OR
SINGLE INPUT NOR, OR
MULTIPLE INPUT NAND, AND
2.0
6.0
10
8.0
4.0
2.0
6.0
10
8.0
4.0
Vin, INPUT VOLTAGE (Vdc)
12
14
16
DC NOISE MARGIN
The DC noise margin is defined as the input voltage range
from an ideal “1” or “0” input level which does not produce
output state change(s). The typical and guaranteed limit val-
ues of the input values VIL and VIH for the output(s) to be at a
fixed voltage VO are given in the Electrical Characteristics
table. VIL and VIH are presented graphically in Figure 11.
Guaranteed minimum noise margins for both the “1” and
“0” levels =
1.0 V with a 5.0 V supply
2.0 V with a 10.0 V supply
2.5 V with a 15.0 V supply
Figure 11. DC Noise Immunity
Vout
VO
VO
VIL
0
VIH
Vin
VDD
VDD
Vout
VO
VO
VIL
0
VIH
Vin
VDD
VDD
(a) Inverting Function
(b) Non–Inverting Function
VSS = 0 VOLTS DC


同様の部品番号 - MC14068BD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14060 ONSEMI-MC14060 Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060 ONSEMI-MC14060 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060B ONSEMI-MC14060B Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
MC14060B ONSEMI-MC14060B Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
More results

同様の説明 - MC14068BD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com