データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDA3-15 データシート(PDF) 1 Page - American Electronic Components, inc

部品番号 SDA3-15
部品情報  LED control input indicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AEC [American Electronic Components, inc]
ホームページ  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

SDA3-15 データシート(HTML) 1 Page - American Electronic Components, inc

  SDA3-15 Datasheet HTML 1Page - American Electronic Components, inc SDA3-15 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.aecsensors.com
Sales Department Tel: (888) 847-6552 +1 574-293-8013
Ref:SDA 3 10 15 111816FEW
Specifications are subject to change without notice. E&OE.
SDA3 - 10 - 15
DIN rail 10 & 15A solid-state contactors
Output (load)
Load type
3PST-NO (3 N/O) Resistive
Load current
10A, 15A
Load switching voltage
AC V
rms
40-480V
Maximum peak voltage
AC V
pk
900V
Minimum load current
0.1A
Inrush Current (max.)
10ms 10A: 120A / 15A: 160A
I2t
10A: 72A2s / 15A: 128A2s
Switch type
Zero Cross (Consult factory for Random)
On voltage drop
V AC 1.6V
Leakage current off
mA ≤ 10mA
Input (control)
Control voltage (rated)
V DC Control: 4 - 32VDC / AC Control: 90 - 250VAC
Control current
mA < 25mA
Turn-on voltage (min)
V
min
DC Control: 3.5VDC / AC Control: 80VAC
Turn-on voltage (max)
V
max
DC Control: 35VDC / AC Control: 280VAC
Turn-off voltage
V DC Control: 2VDC / AC Control: 40VAC
Insulation
Insulation resistance
≤ 500MΩ at 500VDC, 50%RH
Dielectric strength
V AC ≥ 2500V
General Data
Operating time (typical)
mS Approximately 1/2 cycle of load frequency + ≤1ms
Release time (typical)
mS Approximately 1/2 cycle of load frequency + ≤1ms
Dimensions
L x W x H 100 x 110 x 80mm
Weight
approx. 672g
Ambient temperature
storage -30 to 100°C (No icing or condensation)
operating -30 to 80°C (with derating). (No icing or condensation)
Relative Humidity
45 - 85% RH
● High load voltage - up to 480VAC.
● 4 ~ 32VDC or 90 ~ 250VAC control voltage.
● Three Phase, Zero cross-over switching.
● LED control input indicator.
● Integrated heatsink.
● RoHS Compliant.
E325835


同様の部品番号 - SDA3-15

メーカー部品番号データシート部品情報
logo
American Electronic Com...
SDA3-15 AEC-SDA3-15 Datasheet
369Kb / 2P
   LED control input indicator
More results

同様の説明 - SDA3-15

メーカー部品番号データシート部品情報
logo
American Electronic Com...
SDA3-40 AEC-SDA3-40 Datasheet
321Kb / 2P
   LED control input indicator
SDB1-80 AEC-SDB1-80 Datasheet
277Kb / 2P
   LED control input indicator
SDA1-60 AEC-SDA1-60 Datasheet
274Kb / 2P
   LED control input indicator
SDA1-80 AEC-SDA1-80 Datasheet
274Kb / 2P
   LED control input indicator
SDA1-10 AEC-SDA1-10 Datasheet
250Kb / 2P
   LED control input indicator
SDA1-20 AEC-SDA1-20 Datasheet
278Kb / 2P
   LED control input indicator
SDA1-25 AEC-SDA1-25 Datasheet
278Kb / 2P
   LED control input indicator
SDB1-60 AEC-SDB1-60 Datasheet
277Kb / 2P
   LED control input indicator
SDA3-10 AEC-SDA3-10 Datasheet
369Kb / 2P
   LED control input indicator
SDA1-15 AEC-SDA1-15 Datasheet
250Kb / 2P
   LED control input indicator
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com