データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75010W データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC75010W
部品情報  LC75010W Car Audio DSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75010W データシート(HTML) 5 Page - Sanyo Semicon Device

  LC75010W Datasheet HTML 1Page - Sanyo Semicon Device LC75010W Datasheet HTML 2Page - Sanyo Semicon Device LC75010W Datasheet HTML 3Page - Sanyo Semicon Device LC75010W Datasheet HTML 4Page - Sanyo Semicon Device LC75010W Datasheet HTML 5Page - Sanyo Semicon Device LC75010W Datasheet HTML 6Page - Sanyo Semicon Device LC75010W Datasheet HTML 7Page - Sanyo Semicon Device LC75010W Datasheet HTML 8Page - Sanyo Semicon Device LC75010W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
No. N7349-5/12
LC75010W
Pin Functions
Pin No.
Pin name
Input/Output (I/O)
Function
97
AINRP1
I
Analog BTL input (Rch +)
94
AINRN1
I
Analog BTL input (Rch -)
77
AINLP1
I
Analog BTL input (Lch +)
80
AINLN1
I
Analog BTL input (Lch -)
89
AINRP2
I
Analog OTL input1 (Rch +)
85
AINLP2
I
Analog OTL input1 (Lch +)
92
AINRP3
I
Analog OTL input2 (Rch +)
82
AINLP3
I
Analog OTL input2 (Lch +)
93
AINRP4
I
Analog OTL input3 (Rch +)
81
AINLP4
I
Analog OTL input3 (Lch +)
Standby mode (active low)
Setting the PWDB pin to the low level sets the LC75010W to standby mode (also know as "power
down mode").
34
PWDB
I
In standby mode, the DSP system clock and the crystal oscillator are stopped and the whole
LC75010W goes to the stopped state. This pin must be held at the high level during normal
operation.
Reset (active low)
35
RSTB
I
A reset is normally applied at power on, after recovering from a temporary power outage, and after
returning from standby mode ("power down mode").
Interrupt (active low) (Software clip input (0/1))
40
INTB
I
Provides feedback control to the DSP to prevent clipping when an overflow occurs in the amplifier
output.
10
TEST0
I/O
Test pin
11
TEST1
I/O
Test pin
12
TEST2
I/O
Test pin
13
TEST3
I/O
Test pin
14
TEST4
I/O
Test pin
17
TEST5
I/O
Test pin
18
TEST6
I/O
Test pin
19
TEST7
I/O
Test pin
20
TEST8
I/O
Test pin
21
TEST9
I/O
Test pin
22
TEST10
I/O
Test pin
41
TEST11
I/O
Test pin
44
TEST12
I/O
Test pin
45
TEST13
I/O
Test pin
46
TEST14
I/O
Test pin
49
XIN
I
Crystal input (384 fs = 16.9344 MHz) (fs = 44.1 kHz)
50
XOUT
O
Crystal output
27
VCO
I
VCO control
28
PDO
O
Charge pump output
36
CE
I
CCB enable
37
CL
I
CCB clock
38
DI
I
Data in
39
DO
O
Data out
CCB ready monitor
33
BUSY
O
Outputs the state of the DSP CCB receive buffer.
A low-level output from the BUSY pin indicates that the buffer is empty.
A high-level output indicates that command data is present in the receive buffer.
74
VFLO
O
Volume front Lch output
73
VFLI
I
Volume front Lch input
71
VFRO
O
Volume front Rch output
70
VFRI
I
Volume front Rch input
58
VRLO
O
Volume rear Lch output
59
VRLI
I
Volume rear Lch input
55
VRRO
O
Volume rear Rch output
56
VRRI
I
Volume rear Rch input
Continued on next page.


同様の部品番号 - LC75010W

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LC750 ETC-LC750 Datasheet
196Kb / 10P
   Patient Care Unit Standard Laminate or Optional Terreon Lavatory Top
logo
Sanyo Semicon Device
LC7500 SANYO-LC7500 Datasheet
140Kb / 1P
   ELECTRONIC ATTENUATION CONTROLLER
LC7500M SANYO-LC7500M Datasheet
140Kb / 1P
   ELECTRONIC ATTENUATION CONTROLLER
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
More results

同様の説明 - LC75010W

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
   Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
58Kb / 8P
   IN-CAR REMOTE AMPLIFIER DSP
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
   In-car remote amplifier DSP
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
   Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com