データシートサーチシステム |
|
TDA2EGADQABCRQ1 データシート(PDF) 1 Page - Texas Instruments |
|
TDA2EGADQABCRQ1 データシート(HTML) 1 Page - Texas Instruments |
1 / 393 page Product Folder Order Now Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. TDA2EG SPRS958B – MARCH 2016 – REVISED JANUARY 2017 TDA2Ex SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0 1 Device Overview 1 1.1 Features 1 • Architecture Designed for ADAS Applications • Video, Image, and Graphics Processing Support – Full-HD Video (1920 × 1080p, 60 fps) – Multiple Video Input and Video Output • ARM® Cortex®-A15 Microprocessor Subsystem • C66x Floating-Point VLIW DSP – Fully Object-Code Compatible With C67x and C64x+ – Up to Thirty-two 16 × 16-Bit Fixed-Point Multiplies per Cycle • Up to 512KB of On-Chip L3 RAM • Level 3 (L3) and Level 4 (L4) Interconnects • DDR3/DDR3L Memory Interface (EMIF) Module – Supports up to DDR3-1333 (667 MHz) – Up to 2GB Across Single Chip Select • Dual ARM® Cortex®-M4 Image Processing Units (IPU) • IVA-HD Subsystem • Display Subsystem – Display Controller With DMA Engine and up to Three Pipelines – HDMI™ Encoder: HDMI 1.4a and DVI 1.0 Compliant • Single-Core PowerVR® SGX544 3D GPU • 2D-Graphics Accelerator (BB2D) Subsystem – Vivante™ GC320 Core • Video Processing Engine (VPE) • One Video Input Port (VIP) Module – Support for up to Four Multiplexed Input Ports • General-Purpose Memory Controller (GPMC) • Enhanced Direct Memory Access (EDMA) Controller • 2-Port Gigabit Ethernet (GMAC) – Up to Two External Ports, One Internal • Sixteen 32-Bit General-Purpose Timers • 32-Bit MPU Watchdog Timer • Six High-Speed Inter-Integrated Circuit (I2C) Ports • Ten Configurable UART/IrDA/CIR Modules • Four Multichannel Serial Peripheral Interfaces (McSPI) • Quad SPI Interface (QSPI) • SATA Interface • Eight Multichannel Audio Serial Port (McASP) Modules • SuperSpeed USB 3.0 Dual-Role Device • High-Speed USB 2.0 Dual-Role Device • High-Speed USB 2.0 On-The-Go • Four MultiMedia Card/Secure Digital/Secure Digital Input Output Interfaces (MMC/SD/SDIO) • PCI Express® 3.0 Port With Integrated PHY – One 2-lane Gen2-Compliant Port – or Two 1-lane Gen2-Compliant Ports • Dual Controller Area Network (DCAN) Modules – CAN 2.0B Protocol • MIPI® CSI-2 Camera Serial Interface • Up to 215 General-Purpose I/O (GPIO) Pins • Real-Time Clock Subsystem (RTCSS) • Device Security Features – Hardware Crypto Accelerators and DMA – Firewalls – JTAG Lock – Secure Keys – Secure ROM and Boot • Power, Reset, and Clock Management • On-Chip Debug With CTools Technology • 28-nm CMOS Technology • 23 mm × 23 mm, 0.8-mm Pitch, 760-Pin BGA (ABC) |
同様の部品番号 - TDA2EGADQABCRQ1 |
|
同様の説明 - TDA2EGADQABCRQ1 |