データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9163BBCZRL データシート(PDF) 7 Page - Analog Devices

部品番号 AD9163BBCZRL
部品情報  DAC update rate up to 12 GSPS
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZRL データシート(HTML) 7 Page - Analog Devices

Back Button AD9163BBCZRL Datasheet HTML 3Page - Analog Devices AD9163BBCZRL Datasheet HTML 4Page - Analog Devices AD9163BBCZRL Datasheet HTML 5Page - Analog Devices AD9163BBCZRL Datasheet HTML 6Page - Analog Devices AD9163BBCZRL Datasheet HTML 7Page - Analog Devices AD9163BBCZRL Datasheet HTML 8Page - Analog Devices AD9163BBCZRL Datasheet HTML 9Page - Analog Devices AD9163BBCZRL Datasheet HTML 10Page - Analog Devices AD9163BBCZRL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 6 of 123
JESD204B SERIAL INTERFACE SPEED SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SERIAL INTERFACE SPEED
Guaranteed operating range
Half Rate
6
12.5
Gbps
Full Rate
3
6.25
Gbps
Oversampling
1.5
3.125
Gbps
2× Oversampling
0.750
1.5625
Gbps
SYSREF± TO DAC CLOCK TIMING SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 6.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
SYSREF± DIFFERENTIAL SWING = 1.0 V
Minimum Setup Time, tSYSS
AC-coupled
65
117
ps
DC-coupled, common-mode voltage = 0 V
45
77
ps
DC-coupled, common-mode voltage = 1.25 V
68
129
ps
Minimum Hold Time, tSYSH
AC-coupled
19
63
ps
DC-coupled, common-mode voltage = 0 V
5
37
ps
DC-coupled, common-mode voltage = 1.25 V
51
114
ps
1
The SYSREF± pulse must be at least four DAC clock edges wide plus the setup and hold times in Table 6. For more information, see the Sync Processing Modes
Overview section.
SYSREF+
tSYSS
CLK+
tSYSH
MIN 4 DAC CLOCK EDGES
Figure 2. SYSREF± to DAC Clock Timing Diagram (Only SYSREF+ and CLK+ Shown)


同様の部品番号 - AD9163BBCZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9163BBCZRL AD-AD9163BBCZRL Datasheet
2Mb / 126P
   RF DAC and Digital Upconverter
More results

同様の説明 - AD9163BBCZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9164 AD-AD9164 Datasheet
2Mb / 137P
   DAC update rate up to 12 GSPS
logo
Maxim Integrated Produc...
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
logo
Analog Devices
AD9177 AD-AD9177 Datasheet
132Kb / 5P
   Quad, 16-Bit, 12 GSPS RF DAC
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
logo
Texas Instruments
AFE7954 TI1-AFE7954 Datasheet
925Kb / 31P
[Old version datasheet]   AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
JULY 2023
DAC12DL3200 TI-DAC12DL3200 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
DAC12DL3200 TI-DAC12DL3200_V01 Datasheet
6Mb / 124P
[Old version datasheet]   DAC12DL3200 up to 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel 12-bit Digital-to-Analog Converter (DAC) with Low-Latency LVDS Interface
NOVEMBER 2021
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com