データシートサーチシステム |
|
ESX50-S100-DC24V-1A-6A データシート(PDF) 4 Page - ETAL Group |
|
ESX50-S100-DC24V-1A-6A データシート(HTML) 4 Page - ETAL Group |
4 / 4 page Electronic Circuit Protector ESX50D-S ( ControlPlex®) www.e-t-a.de 4 1646 7 Dimensions ESX50D-S... 60 6x6,8 = 40,8 polarizing tooth blade terminals EN 60934-6,3-0,8 mounting area operating area Electronic Overcurrent Protector ESX50D-S1xx-DC24V-1A-10A 6,8 Made in Germany XXXX Wiring diagrams ^ All dimensions without tolerances are for reference only. E-T-A reserves the right change specifications at any time in the interest of improved design, performance and cost effective- ness, the right to make changes in these specifications without notice is reserved. Product markings may not be exactly as the ordering codes. Errors and omissions excepted. ESX50D-S100 / -S110 with communication and address contact IK 10000 1000 1 2 4 ... times rated current 100 10 1 0,1 0,01 3 5 0 5 overload disconnection 1,2 x I N (factory settings) Short circuit current limitation typ. 2,5 x I N with IN 1 A typ. 1,4 x I N with IN 2 A to 10 A Technical data (Tamb = 25 °C, UB = DC – 24 V) l Without the current limitation there would be a much higher overcurrent in the event of an overload or short circuit. Schematic diagram ESX50D-S100 (example) LINE (+) DC 24 V LOAD (+) 0 V GND (-) Ad Devices - address Optional manual rated current Settings on the device. COM Bus - interface operating condition green/yellow/red S1 ON/OFF load output |
同様の部品番号 - ESX50-S100-DC24V-1A-6A |
|
同様の説明 - ESX50-S100-DC24V-1A-6A |