データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESX10-TB-120DC24V-1A-E データシート(PDF) 9 Page - ETAL Group

部品番号 ESX10-TB-120DC24V-1A-E
部品情報  Selective load protection, electronic trip characteristics
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETAL [ETAL Group]
ホームページ  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TB-120DC24V-1A-E データシート(HTML) 9 Page - ETAL Group

Back Button ESX10-TB-120DC24V-1A-E Datasheet HTML 5Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 6Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 7Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 8Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 9Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 10Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 11Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 12Page - ETAL Group ESX10-TB-120DC24V-1A-E Datasheet HTML 13Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.e-t-a.de
Electronic Circuit Protector ESX10-T.-DC 24 V / Installation guidelines and safety instructions
1642
9
4
Electronic Circuit Protector ESX10-T.-DC 24 V / Installation guidelines and safety instructions
Mounting examples for ESX10-T
5 ESX10-TA
with busbars
5 ESX10-TB
with busbars
and jumpers
12.5 x n = width of protector block
e. g. 12.5 x 5 = 62.5
insert busbars
and protection slides
to be flush with housing sides
insert signal
bars to be flush with
housing and place them
centrally over the contacts
LINE+ busbar
X22261102 grey
0 V busbar
X22261102 grey
signal bar
X22200503 grey
or
jumper
X22200513 grey
remove protection against
brush contact from bottom side
(12.5 x n)-3 = length of busbars ± 0.5
e. g. (12.5 x 5)-3 = 59.5 ± 0.5
insert protection against
brush contact
continuous busbar
500 mm length, cut
5 ESX10-TD
with busbars
The ESX10-T features an integral power distribution system.
Mounting procedure:
Before wiring insert busbars into protector block.
Max. 10 insertion/removal cycles for busbars.
Recommendation:
After 10 units the busbars and signal busbars should be interrupted and receive a new entry live
Table of lengths for busbars
(X 222 611 02 / X 222 005 03 or cut off, see accessories)
No. of units
2
3
4
5
6
7
8
9
10
Length of busbar
[mm] ± 0.5 mm
22
34.5
47
59.5
72
84.5
97
109.5
122


同様の部品番号 - ESX10-TB-120DC24V-1A-E

メーカー部品番号データシート部品情報
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-10A-E ETAL-ESX10-TC-114-DC12V-10A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-1A-E ETAL-ESX10-TC-114-DC12V-1A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-2A-E ETAL-ESX10-TC-114-DC12V-2A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-3A-E ETAL-ESX10-TC-114-DC12V-3A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
More results

同様の説明 - ESX10-TB-120DC24V-1A-E

メーカー部品番号データシート部品情報
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com