データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E-1048-S700DC24V-2.0A データシート(PDF) 4 Page - ETAL Group

部品番号 E-1048-S700DC24V-2.0A
部品情報  Optimum load protection because a range of current ratings is available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETAL [ETAL Group]
ホームページ  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-S700DC24V-2.0A データシート(HTML) 4 Page - ETAL Group

  E-1048-S700DC24V-2.0A Datasheet HTML 1Page - ETAL Group E-1048-S700DC24V-2.0A Datasheet HTML 2Page - ETAL Group E-1048-S700DC24V-2.0A Datasheet HTML 3Page - ETAL Group E-1048-S700DC24V-2.0A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-t-a.de
E-1048-S7... Accessories
1646
4
5
Accessories for E-1048-S7xx
9
5.4
125
.213
.354
4.92
cylinder head screw
M4x4 ISO1207
nickel plated
washer
A 4.3 DIN 125
nickel plated
female
connector
Phoenix terminal AKG 35
max.cross section 35 mm2 (AWG 2)
M4
12.8
7
154.8
pressure-relief joint
(1.1 mm (.043 in.)
thick constriction)
Cu rail, tin-plated
.504
.276
6.09
blade terminal DIN 46244 part 2
C profile (2xA2.8-0.8) (QC 2x.110)
depth
10 mm
(.394 in.)
adapter X20040901
symmetrical rail
EN 50022-35x7.5
polarization recess
G-profile
EN 50035-G32
80
10
12.5
1
11
23
2(k)
12
24
2(i)
1
11
23
2(k)
12
24
2(i)
3.15
.492
.394
polarized blade terminal
DIN 46244-A6.3-0.8 (QC .250)
slot for fitting labels from
Phoenix, Weidmüller
6.3
-P10
.248
retaining clip
2.8
-P70
.110
Single mounting sockets
(with adapter)
(up to 16 A max. load)
17-P10-Si
17-P10-Si-20025
17-P70-Si
17-P70-Si-20025
(retaining clip Y 308 792 01)
Busbar (10-way) (supplied as a complete package)
for type 17 socket
(for max. 100 A continuous load),
more positions available on request
X 211 157 01 with terminal
X 211 157 02 without terminal
Insulating sleeving for busbar (10-way)
Y 303 824 01
retaining clip
polarized blade terminals
DIN 46244-A6.3-0.8 (QC .250)
Aussparung für polarisierte
Aufstecksperre
22,2
21
10
2
max. 30
6
7,4
4,4
25
12,5
4,4
7,4
12,5
6,25
50
75
12,5
2-way mounting socket
6-way mounting socket
Connector bus links -P10
X 210 588 01 / 01/1,5 mm2 brown
X 210 588 02 / 01/2,5 mm2 black
X 210 588 03 / 01/2,5 mm2 red
X 210 588 04 / 01/2,5 mm2 blue
100 quick-connect tabs 6,3
DIN 46247 Ms,
tinned brass,
insulated
64
Retaining clip
Y 308 792 01
recommended for a tight fit of types
ESX10 / E-1048-S6xx / SB-S11-P1-xx
with terminal blocks type 17 and 17plus
2.52
Module 17plus
slot for busbar
module
right-side terminal block
left-side terminal block
slot for fitting labels from
Phoenix, Weidmüller, Wieland
63
symmetrical rai
EN 50022-35x7,5
G-profile
EN 50035-G32
115
6
25
25
max. 38
17 plus
Modul 17plus
For technical data see section Power Distribution Systems
See data sheet Module 17plus


同様の部品番号 - E-1048-S700DC24V-2.0A

メーカー部品番号データシート部品情報
logo
ETAL Group
E-1048-S600DC24V0.5A ETAL-E-1048-S600DC24V0.5A Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
E-1048-S600DC24V1.0A ETAL-E-1048-S600DC24V1.0A Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
E-1048-S600DC24V2.0A ETAL-E-1048-S600DC24V2.0A Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
E-1048-S600DC24V4.0A ETAL-E-1048-S600DC24V4.0A Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
E-1048-S602 ETAL-E-1048-S602 Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
More results

同様の説明 - E-1048-S700DC24V-2.0A

メーカー部品番号データシート部品情報
logo
ETAL Group
E-1048-S602 ETAL-E-1048-S602 Datasheet
288Kb / 4P
   Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
logo
JMK Inc.
AA-0440-6 JMK-AA-0440-6 Datasheet
200Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-10 JMK-FF-0440-10 Datasheet
228Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-3 JMK-AA-0440-3 Datasheet
237Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-8 JMK-AA-0440-8 Datasheet
198Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-6 JMK-FF-0440-6 Datasheet
230Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
AA-0440-10 JMK-AA-0440-10 Datasheet
203Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com