データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT3904T1G データシート(PDF) 1 Page - ON Semiconductor

部品番号 PZT3904T1G
部品情報  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZT3904T1G データシート(HTML) 1 Page - ON Semiconductor

  PZT3904T1G Datasheet HTML 1Page - ON Semiconductor PZT3904T1G Datasheet HTML 2Page - ON Semiconductor PZT3904T1G Datasheet HTML 3Page - ON Semiconductor PZT3904T1G Datasheet HTML 4Page - ON Semiconductor PZT3904T1G Datasheet HTML 5Page - ON Semiconductor PZT3904T1G Datasheet HTML 6Page - ON Semiconductor PZT3904T1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 6
1
Publication Order Number:
PZT3904T1/D
PZT3904T1G
General Purpose Transistor
NPN Silicon
Features
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
40
Vdc
Collector − Base Voltage
VCBO
60
Vdc
Emitter − Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
200
mAdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation (Note 1)
TA = 25°C
PD
1.5
12
W
mW/
°C
Thermal Resistance
Junction−to−Ambient (Note 1)
RqJA
83.3
°C/W
Thermal Resistance
Junction−to−Lead #4
RqJA
35
°C/W
Junction and Storage Temperature
Range
TJ, Tstg
− 55 to +150
°C
1. FR− 4 with 1 oz and 713 mm2 of copper area.
http://onsemi.com
COLLECTOR
2, 4
1
BASE
3
EMITTER
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Device
Package
Shipping
ORDERING INFORMATION
PZT3904T1G
SOT−223
(Pb−Free)
1,000 / Tape & Reel
SOT−223
CASE 318E
STYLE 1
MARKING DIAGRAM
1
AYW
1AM
G
G
1AM
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
SPZT3904T1G
SOT−223
(Pb−Free)
1,000 / Tape & Reel
1
2
3
4


同様の部品番号 - PZT3904T1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PZT3904T1G ONSEMI-PZT3904T1G Datasheet
162Kb / 7P
   General Purpose Transistor
October, 2010 -- Rev. 3
More results

同様の説明 - PZT3904T1G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com