データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PJ1084 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 PJ1084
部品情報  5 Amp Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

PJ1084 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ1084 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ1084 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ1084 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ1084 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ1084 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ1084 Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ1084 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PJ1084
5 Amp Low Dropout Positive Voltage Regulator
1-7
2002/01.rev.A
He PJ1084 Series are high performance positive voltage
regulators are designed for use in applications requiring
low dropout performance at full rated current, Additionally,
the PJ1084 Series provides excellent regulation over
variations due to changes in line, load and temperature.
Outstanding features include low dropout performance at
rated current, fast transient response, internal
current
limiting and thermal shutdown protection of the output
device. The PJ1084 Series are three terminal regulators with
fixed and adjustable voltage options available in popular
packages.
Low dropout performance 1.3V max.
Full current rating over line and temperature
Fast transient response
Total output regulation ±2% over line, load and
temperature
Adjust pin current max 120μA over temperature
Line regulation typical 0.015%.
Load regulation typical 0.05%.
Fixed/adjustable output voltage
TO-220 & TO-263 & TO-263-2L & TO-252 package
T
TO-220
TO-263
TO-252
TO-263-2L
FEATURES
ORDERING INFORMATION
Device
Operating
Temperature
(Ambient)
Package
PJ1084CZ
PJ1084CZ-2.5
PJ1084CZ-3.3
TO-220
PJ1084CM
PJ1084CM-2.5
PJ1084CM-3.3
TO-263
PJ1084CF
PJ1084CF-2.5
PJ1084CF-3.3
TO-263-2L
PJ1084CP
PJ1084CP-2.5
PJ1084CP-3.3
-20℃ to +85℃
TO-252
NOTE: Contact factory for additional voltage option.
BLOCK
CURRENT
LIMITING
AMPLIFIER
THERMAL OVERLOAD
VOLTAGE
REGULATION
AMPLIFIER
LIMIT
SENSE
S.O.A
VREF
INPUT
ADJ/G
OUTPUT
Pin: 1.Adj (com)
2.Out
3.In
1
2
3
1
2
3
1
2
3
1 2
3


同様の部品番号 - PJ1084

メーカー部品番号データシート部品情報
logo
Hammond Manufacturing L...
PJ1084 HAMMOND-PJ1084 Datasheet
186Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ1084H HAMMOND-PJ1084H Datasheet
193Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ1084HP9 HAMMOND-PJ1084HP9 Datasheet
218Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ1084HP9 HAMMOND-PJ1084HP9 Datasheet
216Kb / 3P
   Bo챤tier pour boutons-poussoirs en polyester de type 4, 4X
PJ1084HW HAMMOND-PJ1084HW Datasheet
195Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

同様の説明 - PJ1084

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
   3 Amp Low Dropout Positive Voltage Regulator
PJ1082 ETC-PJ1082 Datasheet
278Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
   1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1585D SEMTECH-EZ1585D Datasheet
90Kb / 4P
   6.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Seme LAB
LM1084HN SEME-LAB-LM1084HN Datasheet
36Kb / 2P
   5 AMP LOW DROPOUT POSITIVE
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com