データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Q2004LT データシート(PDF) 5 Page - Teccor Electronics

部品番号 Q2004LT
部品情報  Internally Triggered Triacs (4 A to 15 A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TECCOR [Teccor Electronics]
ホームページ  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

Q2004LT データシート(HTML) 5 Page - Teccor Electronics

  Q2004LT Datasheet HTML 1Page - Teccor Electronics Q2004LT Datasheet HTML 2Page - Teccor Electronics Q2004LT Datasheet HTML 3Page - Teccor Electronics Q2004LT Datasheet HTML 4Page - Teccor Electronics Q2004LT Datasheet HTML 5Page - Teccor Electronics Q2004LT Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheets
Quadrac
©2002 Teccor Electronics
E3 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Figure E3.7 Maximum Allowable Case Temperature versus
On-state Current (4 A)
Figure E3.8 Maximum Allowable Case Temperature versus
On-state Current (6 A to 15 A)
Figure E3.9 Peak Surge Current versus Surge Current Duration
Figure E3.10 Power Dissipation (Typical) versus On-state Current (4 A)
Figure E3.11 Power Dissipation (Typical) versus On-state Current
(6 A to 10 A and 15 A)
Figure E3.12 Normalized diac VBO versus Junction Temperature
RMS On-state Current [IT(RMS)] – Amps
0
.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured
as shown on Dimensional Drawings
130
120
110
100
90
80
70
60
0
4 A
RMS On-state Current [IT(RMS)] – Amps
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
CASE TEMPERATURE: Measured
as shown on Dimensional Drawings
130
120
110
100
90
80
70
60
0
6 A
10 A
8 A
15 A
200
120
40
1
2
3 4 5 6
8 10
20
3040
60 80 100
200
300
600
1000
80
60
50
100
8
6
5
10
30
20
4
1
3
2
Surge Current Duration – Full Cycles
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [IT(RMS)]: Maximum
Rated Value at Specified Case Temperature
NOTES:
1) Gates control may be lost during
and immediately following surge
current interval.
2) Overload may not be repeated until
junction temperature has returned to
steady state rated value.
15 A
10 A
8 A
6 A
4 A
RMS On-state Current [IT(RMS)] – Amps
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
4 A
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
18
16
14
12
10
8
6
4
2
0
16
14
12
10
8
6
4
2
0
RMS On-state Current [I
T(RMS)] – Amps
15 A
6 A to 10 A
-8
-6
-4
-2
0
+2
+4
-40
-20
0
+20 +40 +60 +80 +100 +120 +140
Junction Temperature (T
J) – ˚C


同様の部品番号 - Q2004LT

メーカー部品番号データシート部品情報
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
More results

同様の説明 - Q2004LT

メーカー部品番号データシート部品情報
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
GE Solid State
MAC15 GESS-MAC15 Datasheet
149Kb / 4P
   15-A Silicon Triacs
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
STMicroelectronics
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com