データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBL4005-KBL410 データシート(PDF) 1 Page - Kingtronics International Company

部品番号 KBL4005-KBL410
部品情報  SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGTRONICS [Kingtronics International Company]
ホームページ  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

KBL4005-KBL410 データシート(HTML) 1 Page - Kingtronics International Company

  KBL4005-KBL410_16 Datasheet HTML 1Page - Kingtronics International Company KBL4005-KBL410_16 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts
CURRENT 4.0 Ampere
FEATURES
High forward surge current capability.
Ideal for printed circuit board.
High temperature soldering guaranteed:
260℃/10 second, 0.375" (9.5mm) lead length
at 5 lbs. (2.3kg) tension.
Electrically isolated base-1500 Volts.
MECHANICAL DATA
Case: Transfer molded plastic.
Terminal: Lead solderable per MIL - STD - 202E
method 208℃.
Mounting position: Any.
Weight: 0.22 ounce, 6.21 gram.
MAXIMUM RATINGS AND ELECTRICAL
CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified ,
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
PARAMETER
SYMBOL
KBL4005
KBL401
KBL402
KBL404
KBL406
KBL408
KBL410
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Output
Current at 40℃
TA (Note 1)
I(AV)
4.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave Super Imposed on Rated Load
IFSM
150
A
Maximum forward Voltage Drop Per Element at
4.0A Peak
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking voltage
IR
5.0
mA
Maximum Reverse Current
at Rated DC Blocking voltage and 150℃
TA
IR
1.0
mA
Operating Temperature RangeTJ
TJ
-65 to +125
Storage Temperature RangeTA
TSTG
-65 to +150
1- Mounting conditions, 0.5" lead length maximum.
KBL4005 THRU
KBL410
KBL
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
Dimensions in inches and (millimeters)


同様の部品番号 - KBL4005-KBL410_16

メーカー部品番号データシート部品情報
logo
Kingtronics Internation...
KBL4005-KBL410 KINGTRONICS-KBL4005-KBL410 Datasheet
387Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
More results

同様の説明 - KBL4005-KBL410_16

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RS401M RECTRON-RS401M Datasheet
24Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RBU401M RECTRON-RBU401M Datasheet
231Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Kingtronics Internation...
BR25005W-BR2510W KINGTRONICS-BR25005W-BR2510W Datasheet
352Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
W005-W10M KINGTRONICS-W005-W10M Datasheet
359Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
BR25005-BR2510 KINGTRONICS-BR25005-BR2510 Datasheet
451Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
KBPC35005-KBPC3510 KINGTRONICS-KBPC35005-KBPC3510_16 Datasheet
371Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35.0 Ampere
KBPC25005-KBPC2510 KINGTRONICS-KBPC25005-KBPC2510_16 Datasheet
460Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
KBP2005-KBP210 KINGTRONICS-KBP2005-KBP210_16 Datasheet
317Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
KBU6005-KBU610 KINGTRONICS-KBU6005-KBU610_16 Datasheet
324Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Ampere
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com