データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5592R データシート(PDF) 7 Page - Analog Devices

部品番号 AD5592R
部品情報  Control and monitoring
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5592R データシート(HTML) 7 Page - Analog Devices

Back Button AD5592R Datasheet HTML 3Page - Analog Devices AD5592R Datasheet HTML 4Page - Analog Devices AD5592R Datasheet HTML 5Page - Analog Devices AD5592R Datasheet HTML 6Page - Analog Devices AD5592R Datasheet HTML 7Page - Analog Devices AD5592R Datasheet HTML 8Page - Analog Devices AD5592R Datasheet HTML 9Page - Analog Devices AD5592R Datasheet HTML 10Page - Analog Devices AD5592R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Data Sheet
AD5592R
Rev. C | Page 7 of 42
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
VDD = 3 V (Normal Mode)
1.1
mA
I/O0 to I/O7 are DACs, internal reference,
gain = 1
1
mA
I/O0 to I/O7 are DACs, external reference,
gain = 1
1.1
mA
I/O0 to I/O7 are DACs and sampled by the
ADC, internal reference, gain = 1
0.78
mA
I/O0 to I/O7 are DACs and sampled by the
ADC, external reference, gain = 1
0.75
mA
I/O0 to I/O7 are ADCs, internal reference,
gain = 1
0.5
mA
I/O0 to I/O7 are ADCs, external reference,
gain = 1
0.45
mA
I/O0 to I/O7 are general-purpose outputs
0.45
mA
I/O0 to I/O7 are general-purpose inputs
VLOGIC
1.8
VDD
V
AD5592R-1 only
ILOGIC
3
µA
AD5592R-1 only
1
All specifications expressed in decibels are referred to full-scale input (FSR) and tested with an input signal at 0.5 dB below full scale, unless otherwise noted.
2
Guaranteed by design and characterization; not production tested.
3
DC specifications tested with the outputs unloaded, unless otherwise noted. Linearity calculated using a code range of 8 to 4095. There is an upper dead band of
10 mV when VREF = VDD.
4
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 33).
TIMING CHARACTERISTICS
Guaranteed by design and characterization, not production tested; all input signals are specified with tR = tF = 5 ns (10% to 90% of VDD)
and timed from a voltage level of (VIL + VIH)/2; TA = TMIN to TMAX, unless otherwise noted.
Table 3. AD5592R Timing Characteristics
Parameter
2.7 V ≤ VDD < 3 V
3 V ≤ VDD ≤ 5.5 V
Unit
Test Conditions/Comments
t1
33
20
ns min
SCLK cycle time, write operation
50
50
ns min
SCLK cycle time, read operation
t2
16
10
ns min
SCLK high time
t3
16
10
ns min
SCLK low time
t4
15
10
ns min
SYNC falling edge to SCLK falling edge setup time
2
2
µs max
SYNC falling edge to SCLK falling edge setup time1
t5
7
7
ns min
Data setup time
t6
5
5
ns min
Data hold time
t7
15
10
ns min
SCLK falling edge to SYNC rising edge
t8
30
30
ns min
Minimum SYNC high time for register write operations
60
60
ns min
Minimum SYNC high time for register read operations
t9
0
0
ns min
SYNC rising edge to next SCLK falling edge
t10
25
25
ns max
SCLK rising edge to SDO valid
t11
250
250
ns min
RESET low pulse width (not shown in Figure 4)
1
When reading an ADC conversion.


同様の部品番号 - AD5592R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590 AD-AD5590 Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
AD5590BBCZ AD-AD5590BBCZ Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
More results

同様の説明 - AD5592R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
   Monitoring and Control Devices
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com